Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40MX02-PQ208A Datasheet(PDF) 10 Page - Actel Corporation

Part # A40MX02-PQ208A
Description  40MX and 42MX Automotive FPGA Families
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-PQ208A Datasheet(HTML) 10 Page - Actel Corporation

Back Button A40MX02-PQ208A Datasheet HTML 6Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 7Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 8Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 9Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 10Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 11Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 12Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 13Page - Actel Corporation A40MX02-PQ208A Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 78 page
background image
40MX and 42MX Automotive FPGA Families
1- 6
v3.1
Power Supply
Automotive MX devices are designed to operate in 5.0V environments. Table 1-1 describes the voltage settings of
automotive MX devices.
Power-Up/Down
When powering up MX devices, VCCA must be greater
than or equal to VCCI throughout the power-up
sequence. If VCCI exceeds VCCA during power-up, either
the input protection junction on the I/Os will be forward-
biased or the I/Os will be at logical High, and ICC rises to
high levels. During power-down, VCCA must be smaller
than or equal to VCCI.
Test Circuitry and Silicon Explorer II Probe
MX devices contain probing circuitry that provides built-
in access to every node in a design, via the use of Silicon
Explorer II. Silicon Explorer II is an integrated hardware
and software solution that, in conjunction with the
Designer software, allow users to examine any of the
internal nodes of the device while it is operating in a
prototyping or a production system. The user can probe
an MX device without changing the placement and
routing of the design and without using any additional
resources. Silicon Explorer II's noninvasive method does
not alter timing or loading effects, thus shortening the
debug cycle and providing a true representation of the
device under actual functional situations.
Silicon
Explorer
II
samples
data
at
100
MHz
(asynchronous) or 66 MHz (synchronous). Silicon Explorer
II attaches to a PC's standard serial port, turning the PC
into a fully functional 18-channel logic analyzer. Silicon
Explorer II allows designers to complete the design
verification
process
at
their
desks
and
reduces
verification time from several hours per cycle to a few
seconds.
Silicon Explorer II is used to control the MODE, DCLK, SDI
and SDO pins in MX devices to select the desired nets for
debugging. The user simply assigns the selected internal
nets in the Silicon Explorer II software to the PRA/PRB
output pins for observation. Probing functionality is
activated when the MODE pin is held HIGH.
Figure 1-11 on page 1-7 illustrates the interconnection
between Silicon Explorer II and 40MX devices, while
Figure 1-12 on page 1-7 illustrates the interconnection
between Silicon Explorer II and 42MX devices
To allow for probing capabilities, the security fuses must
not be programmed. (Refer to "User Security" section on
page 1-5 for the security fuses of 40MX and 42MX
devices). Table 1-2 on page 1-7 summarizes the possible
device configurations for probing.
PRA and PRB pins are dual-purpose pins. When the
"Reserve
Probe
Pin"
is
checked
in
the
Designer software, PRA and PRB pins are reserved as
dedicated outputs for probing. If PRA and PRB pins are
required as user I/Os to achieve successful layout and
"Reserve Probe Pin" is checked, the layout tool will
override the option and place user I/Os on PRA and PRB
pins.
Table 1-1 • Voltage Support of Automotive-Grade MX Devices
Device
VCC
VCCA
VCCI
Maximum Input Tolerance
Nominal Output Voltage
40MX
5.0V
5.25V
5.0V
42MX
5.0V
5.0V
5.25V
5.0V


Similar Part No. - A40MX02-PQ208A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX02-PQ208A MICROSEMI-A40MX02-PQ208A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A40MX02-PQ208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com