Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A40MX02-TQ208A Datasheet(PDF) 9 Page - Actel Corporation

Part # A40MX02-TQ208A
Description  40MX and 42MX Automotive FPGA Families
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A40MX02-TQ208A Datasheet(HTML) 9 Page - Actel Corporation

Back Button A40MX02-TQ208A Datasheet HTML 5Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 6Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 7Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 8Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 9Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 10Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 11Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 12Page - Actel Corporation A40MX02-TQ208A Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 78 page
background image
40MX and 42MX Automotive FPGA Families
v3.1
1-5
I/O Modules
The I/O modules provide the interface between the
device pins and the logic array. Figure 1-9 is a block
diagram of the 42MX I/O module. A variety of user
functions, determined by a library macro selection, can
be implemented in the module. (Refer to the Antifuse
Macro Library Guide for more information.) All 42MX I/O
modules contain tristate buffers, with input and output
latches that can be configured for input, output, or
bidirectional operation.
42MX devices contain flexible I/O structures, where each
output pin has a dedicated output-enable control
(Figure 1-9). The I/O module can be used to latch input or
output data, or both, providing fast setup time. In
addition, the Actel Designer software tools can build a D-
type flip-flop using a C-module combined with an I/O
module to register input and output signals. Refer to the
Antifuse Macro Library Guide for more details.
Actel's Designer software development tools provide a
design library of I/O macro functions that can implement
all I/O configurations supported by the MX FPGAs.
Other Architectural Features
User Security
The Actel FuseLock provides robust security against
design theft. Special security fuses are hidden in the
fabric of the device and prevent unauthorized users from
accessing the programming and/or probe interfaces. It is
virtually impossible to identify or bypass these fuses
without damaging the device, making Actel antifuse
FPGAs immune to both invasive and noninvasive attacks.
Special security fuses in 40MX devices include the Probe
Fuse and Program Fuse. The former disables the probing
circuitry while the latter prohibits further programming
of all fuses, including the Probe Fuse. In 42MX devices,
there is the Security Fuse which, when programmed,
both disables the probing circuitry and prohibits further
programming of the device.
Look for this symbol to ensure your valuable IP is secure.
For more information, refer to Actel's Implementation of
Security in Actel Antifuse FPGAs application note.
Programming
Device programming is supported through the Silicon
Sculptor series of programmers. Silicon Sculptor II is a
compact,
robust,
single-site
and
multi-site
device
programmer for the PC. With standalone software,
Silicon Sculptor II is designed to allow concurrent
programming of multiple units from the same PC.
Silicon Sculptor II programs devices independently to
achieve the fastest programming times possible. After
being programmed, each fuse is verified to insure that it
has been programmed correctly. Furthermore, at the end
of programming, there are integrity tests that are run to
ensure no extra fuses have been programmed. Not only
does
it
test
fuses
(both
programmed
and
nonprogrammed), Silicon Sculptor II also allows self-test
to verify its own hardware extensively.
The procedure for programming an MX device using
Silicon Sculptor II is as follows:
1. Load the .AFM file
2. Select the device to be programmed
3. Begin programming
When the design is ready to go to production, Actel
offers
device
volume-programming
services
either
through
distribution
partners
or
via
In-House
Programming from the factory.
For more details on programming MX devices, please
refer to the Programming Antifuse Devices and the
Silicon Sculptor II user's guides.
Note: *Can be configured as a Latch or D Flip-Flop (Using
C-Module)
Figure 1-9 • 42MX I/O Module
Q
D
From Array
To Array
G/CLK*
G/CLK*
Q
D
PAD
EN
Figure 1-10 • Fuselock
e
u


Similar Part No. - A40MX02-TQ208A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A40MX02-TQ208A MICROSEMI-A40MX02-TQ208A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A40MX02-TQ208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com