Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A54SX32A-TQ208A Datasheet(PDF) 9 Page - Actel Corporation

Part # A54SX32A-TQ208A
Description  SX-A Automotive Family FPGAs
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A54SX32A-TQ208A Datasheet(HTML) 9 Page - Actel Corporation

Back Button A54SX32A-TQ208A Datasheet HTML 5Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 6Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 7Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 8Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 9Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 10Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 11Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 12Page - Actel Corporation A54SX32A-TQ208A Datasheet HTML 13Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
v2.2
1-5
In addition to DirectConnect and FastConnect, the
architecture makes use of two globally oriented routing
resources known as segmented routing and high-drive
routing. Actel’s segmented routing structure provides a
variety of track lengths for extremely fast routing
between SuperClusters. The exact combination of track
lengths and antifuses within each path is chosen by the
fully automatic place-and-route software to minimize
signal propagation delays.
Clock Resources
Actel’s high-drive routing structure provides three clock
networks (Table 1-1). The first clock, called HCLK, is
hardwired from the HCLK buffer to the clock select MUX
in
each
R-cell.
HCLK
cannot
be
connected
to
combinatorial logic. This provides a fast propagation
path for the clock signal, enabling the 5.6 ns clock-to-out
(pad-to-pad) performance of the auotmotive-grade SX-A
devices. The hardwired clock is tuned to provide clock
skew less than 0.3 ns worst case. If not used, this pin must
be set as LOW or HIGH on the board. It must not be left
floating. Figure 1-7 on page 1-6 describes the clock
circuit used for the constant load HCLK. When the device
is powered up and TRST is not grounded, HCLK does not
function until the fourth clock cycle. This prevents
possible false outputs due to a slow power-on-reset
signal and fast start-up clock circuit. To activate HCLK
from the first cycle, TRST pin must be reserved in the
Designer software and the pin must be tied to GND on
the board.
Two additional clocks (CLKA, CLKB) are global clocks that
can be sourced from external pins or from internal logic
signals within the automotive-grade SX-A device. CLKA
and CLKB may be connected to sequential cells or to
combinational logic. If CLKA or CLKB pins are not used or
sourced from signals, then these pins must be set as LOW
or HIGH on the board. They must not be left floating
(except in the A54SX72A where these clocks can be
configured as regular I/Os and can float). Figure 1-8 on
page 1-6 describes the CLKA and CLKB circuit used in SX-
A devices with the exception of A54SX72A.
In addition to CLKA and CLKB, the A54SX72A device
provides four quadrant clocks (QCLKA, QCLKB, QCLKC,
QCLKD – corresponding to bottom-left, bottom-right,
top-left, and top-right locations on the die, respectively),
which can be sourced from external pins or from internal
logic signals within the device. Each of these clocks can
individually drive up to a quarter of the chip, or they can
be grouped together to drive multiple quadrants. If
QCLKs are not used as quadrant clocks, they will behave
as regular I/Os. Bidirectional clock buffers are also
available on the A54SX72A. The CLKA, CLKB, and QCLK
circuits for A54SX72A are shown in Figure 1-9 on page 1-
6. Note that bidirectional clock buffers are only available
in A54SX72A. For more information, refer to the “Pin
Description” on page 1-38.
For more information on how to use quadrant clocks in
the A54SX72A device, refer to the Global Clock Networks
in Actel’s Antifuse Devices and Using A54SX72A and
RT54SX72S Quadrant Clocks application notes.
Figure 1-6 • DirectConnect and FastConnect for Type 2 SuperClusters
Type 2 SuperClusters
Routing Segments
• Typically 2 antifuses
• Max. 5 antifuses
FastConnect
• One antifuse
• 0.3 ns maximum routing delay
DirectConnect
• No antifuses
• 0.1 ns maximum routing delay


Similar Part No. - A54SX32A-TQ208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A54SX32A-TQ208A ETC1-A54SX32A-TQ208A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX32A-TQ208A ACTEL-A54SX32A-TQ208A Datasheet
818Kb / 108P
   SX-A Family FPGAs
More results

Similar Description - A54SX32A-TQ208A

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A54SX08A-FTQG144 ACTEL-A54SX08A-FTQG144 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX08A-FTQ144 ACTEL-A54SX08A-FTQ144 Datasheet
828Kb / 108P
   SX-A Family FPGAs
logo
List of Unclassifed Man...
A54SX08A ETC1-A54SX08A Datasheet
720Kb / 108P
   SX-A Family FPGAs
logo
Actel Corporation
A54SX72A-CQ256 ACTEL-A54SX72A-CQ256 Datasheet
823Kb / 108P
   SX-A Family FPGAs
A54SX16A2PQG208 ACTEL-A54SX16A2PQG208 Datasheet
818Kb / 108P
   SX-A Family FPGAs
A54SX16A-TQ100 ACTEL-A54SX16A-TQ100 Datasheet
824Kb / 108P
   SX-A Family FPGAs
A54SX08 ACTEL-A54SX08 Datasheet
503Kb / 64P
   SX Family FPGAs
A54SX32A-1CQ208M ACTEL-A54SX32A-1CQ208M Datasheet
455Kb / 50P
   HiRel SX-A Family FPGAs
A54SX32-TQ144 ACTEL-A54SX32-TQ144 Datasheet
504Kb / 64P
   SX Family FPGAs
A54SX08-TQ176 ACTEL-A54SX08-TQ176 Datasheet
504Kb / 64P
   SX Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com