Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42MX24-TQ208A Datasheet(PDF) 2 Page - Actel Corporation

Part # A42MX24-TQ208A
Description  40MX and 42MX Automotive FPGA Families
Download  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A42MX24-TQ208A Datasheet(HTML) 2 Page - Actel Corporation

  A42MX24-TQ208A Datasheet HTML 1Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 2Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 3Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 4Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 5Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 6Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 7Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 8Page - Actel Corporation A42MX24-TQ208A Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 78 page
background image
40MX and 42MX Automotive FPGA Families
ii
v3.1
Ordering Information
Plastic Device Resources
Speed Grade and Temperature Grade Matrix
Contact your local Actel representative for device availability.
Note: Automotive grade parts (A grade) devices are tested at room temperature to specifications that have been guard banded based
on characterization across the recommended operating conditions. A-grade parts are not tested at extended temperatures. If
testing to ensure guaranteed operation at extended temperatures is required, please contact your local Actel Sales office to
discuss testing options available.
_
Part Number
Speed Grade
Package Type
Package Lead Count
A
=
Automotive (–40 to +125˚C)
Application (Temperature Range)
PL
=
Plastic Leaded Chip Carrier
PQ =
Plastic Quad Flat Pack
TQ =
Thin Quad Flat Pack (1.4 mm)
VQ =
Very Thin Quad Flat Pack (1.0 mm)
(Blank for Standard)
A40MX02
=
3,000 System Gates
A40MX04
=
6,000 System Gates
A42MX09
=
14,000 System Gates
A42MX16
=
24,000 System Gates
A42MX24
=
36,000 System Gates
A42MX36
=
54,000 System Gates
A42MX16
PQ
208
A
User I/Os
Device
PLCC
68-Pin
PLCC
84-Pin
PQFP
100-Pin
PQFP
160-Pin
PQFP
208-Pin
PQFP
240-Pin
VQFP
80-Pin
VQFP
100-Pin
TQFP
176-Pin
A40MX02
57
57
57
A40MX04
69
69
69
A42MX09
72
83
101
83
104
A42MX16
140
83
140
A42MX24
125
176
150
A42MX36
176
202
Note: Package Definitions
PLCC = Plastic Leaded Chip Carrier, PQFP = Plastic Quad Flat Pack, TQFP = Thin Quad Flat Pack, VQFP = Very Thin Quad Flat Pack
Std
A
Note: Refer to the 40MX and 42MX Family FPGAs datasheet for details on
commercial-, industrial- and military-grade MX offerings.


Similar Part No. - A42MX24-TQ208A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX24-TQ208A MICROSEMI-A42MX24-TQ208A Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results

Similar Description - A42MX24-TQ208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-FPL68 MICROSEMI-A40MX04-FPL68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com