Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDW24A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # BDW24A
Description  isc Silicon PNP Darlington Power Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BDW24A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  BDW24A Datasheet HTML 1Page - Inchange Semiconductor Company Limited BDW24A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon PNP Darlington Power Transistor
BDW24/A/B/C
DESCRIPTION
·Collector Current -IC= -6A
·High DC Current Gain-hFE= 750(Min)@ IC= -2A
·Complement to Type BDW23/A/B/C
APPLICATIONS
·Designed for hammer drivers, audio amplifiers applications
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
BDW24
-45
BDW24A
-60
BDW24B
-80
VCER
Collector-Emitter
Voltage
BDW24C
-100
V
BDW24
-45
BDW24A
-60
BDW24B
-80
VCEO
Collector-Emitter
Voltage
BDW24C
-100
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-6
A
ICM
Collector Current-Peak
-8
A
IB
B
Base Current-Continuous
-0.2
A
PC
Collector Power Dissipation
@ TC=25℃
50
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-65~150
isc Website:www.iscsemi.cn


Similar Part No. - BDW24A

ManufacturerPart #DatasheetDescription
logo
Power Innovations Ltd
BDW24A POINN-BDW24A Datasheet
152Kb / 6P
   PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW24A FAIRCHILD-BDW24A Datasheet
38Kb / 5P
   Hammer Drivers, Audio Amplifiers Applications
logo
Bourns Electronic Solut...
BDW24A BOURNS-BDW24A Datasheet
114Kb / 5P
   PNP SILICON POWER DARLINGTONS
logo
New Jersey Semi-Conduct...
BDW24A NJSEMI-BDW24A Datasheet
142Kb / 2P
   Silicon PNP Darlington Power Transistor
More results

Similar Description - BDW24A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N6041 ISC-2N6041 Datasheet
151Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1100 ISC-2SB1100 Datasheet
154Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BDX6A ISC-BDX6A Datasheet
190Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SA1046 ISC-2SA1046 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB786 ISC-2SB786 Datasheet
252Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJH11017 ISC-MJH11017 Datasheet
136Kb / 2P
   isc Silicon PNP Darlington Power Transistor
BD646F ISC-BD646F Datasheet
279Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1253 ISC-2SB1253_16 Datasheet
189Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1431 ISC-2SB1431 Datasheet
263Kb / 2P
   isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
   isc Silicon PNP Darlington Power Transistor
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
   isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com