Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AFS1500-2PQ256ES Datasheet(PDF) 5 Page - Actel Corporation

Part # AFS1500-2PQ256ES
Description  Actel Fusion Mixed-Signal FPGAs
Download  318 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AFS1500-2PQ256ES Datasheet(HTML) 5 Page - Actel Corporation

  AFS1500-2PQ256ES Datasheet HTML 1Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 2Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 3Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 4Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 5Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 6Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 7Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 8Page - Actel Corporation AFS1500-2PQ256ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 318 page
background image
Pr el iminar y v1 .7
1-1
1 – Fusion Device Family Overview
Introduction
The Actel Fusion® mixed-signal FPGA satisfies the demand from system architects for a device that
simplifies design and unleashes their creativity. As the world’s first mixed-signal programmable
logic family, Fusion integrates mixed-signal analog, flash memory, and FPGA fabric in a monolithic
device. Actel Fusion devices enable designers to quickly move from concept to completed design
and then deliver feature-rich systems to market. This new technology takes advantage of the
unique properties of Actel flash-based FPGAs, including a high-isolation, triple-well process and the
ability to support high-voltage transistors to meet the demanding requirements of mixed-signal
system design.
Actel Fusion mixed-signal FPGAs bring the benefits of programmable logic to many application
areas, including power management, smart battery charging, clock generation and management,
and motor control. Until now, these applications have only been implemented with costly and
space-consuming discrete analog components or mixed-signal ASIC solutions. Actel Fusion mixed-
signal FPGAs present new capabilities for system development by allowing designers to integrate a
wide range of functionality into a single device, while at the same time offering the flexibility of
upgrades late in the manufacturing process or after the device is in the field. Actel Fusion devices
provide an excellent alternative to costly and time-consuming mixed-signal ASIC designs. In
addition, when used in conjunction with the Actel or ARM-based soft MCU core, Actel Fusion
technology represents the definitive mixed-signal FPGA platform.
Flash-based Fusion devices are live at power-up. As soon as system power is applied and within
normal operating specifications, Fusion devices are working. Fusion devices have a 128-bit flash-
based lock and industry-leading AES decryption, used to secure programmed intellectual property
(IP) and configuration data. Actel Fusion devices are the most comprehensive single-chip analog
and digital programmable logic solution available today.
To support this new ground-breaking technology, Actel has developed a series of major tool
innovations to help maximize designer productivity. Implemented as extensions to the popular
Actel Libero® Integrated Design Environment (IDE), these new tools allow designers to easily
instantiate and configure peripherals within a design, establish links between peripherals, create
or import building blocks or reference designs, and perform hardware verification. This tool suite
will also add comprehensive hardware/software debug capability as well as a suite of utilities to
simplify development of embedded soft-processor-based solutions.
General Description
The Actel Fusion family, based on the highly successful ProASIC®3 and ProASIC3E Flash FPGA
architecture, has been designed as a high-performance, programmable, mixed-signal platform. By
combining an advanced flash FPGA core with flash memory blocks and analog peripherals, Fusion
devices dramatically simplify system design and, as a result, dramatically reduce overall system cost
and board space.
The state-of-the-art flash memory technology offers high-density integrated flash memory blocks,
enabling savings in cost, power, and board area relative to external flash solutions, while providing
increased flexibility and performance. The flash memory blocks and integrated analog peripherals
enable true mixed-mode programmable logic designs. Two examples are using an on-chip soft
processor to implement a fully functional Flash MCU and using high-speed FPGA logic to offer
system and power supervisory capabilities. Live at power-up and capable of operating from a single
3.3 V supply, the Fusion family is ideally suited for system management and control applications.
The devices in the Fusion family are categorized by FPGA core density. Each family member
contains many peripherals, including flash memory blocks, an analog-to-digital-converter (ADC),
high-drive outputs, both RC and crystal oscillators, and a real-time counter (RTC). This provides the


Similar Part No. - AFS1500-2PQ256ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AFS1500-2PQ256ES MICROSEMI-AFS1500-2PQ256ES Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
More results

Similar Description - AFS1500-2PQ256ES

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
U1AFS600-FGG256I ACTEL-U1AFS600-FGG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
logo
Microsemi Corporation
M1AFS600-PQ208 MICROSEMI-M1AFS600-PQ208 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS600-FGG484 MICROSEMI-AFS600-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS1500-FGG484 MICROSEMI-AFS1500-FGG484 Datasheet
18Mb / 334P
   Fusion Family of Mixed Signal FPGAs
AFS090 MICROSEMI-AFS090 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Texas Instruments
MSP430F11X TI-MSP430F11X Datasheet
473Kb / 29P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X31X TI-MSP430X31X Datasheet
399Kb / 30P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLERS
MSP430F249-EP TI-MSP430F249-EP Datasheet
1Mb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_11 Datasheet
981Kb / 99P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42X TI-MSP430FE42X_10 Datasheet
975Kb / 51P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com