Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY203-20S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BY203-20S
Description  Silicon Mesa Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BY203-20S Datasheet(HTML) 2 Page - Vishay Siliconix

  BY203-20S Datasheet HTML 1Page - Vishay Siliconix BY203-20S Datasheet HTML 2Page - Vishay Siliconix BY203-20S Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BY203/..S
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 2, 24-Jun-98
2 (3)
Document Number 86002
Electrical Characteristics
Tj = 25_C
Parameter
Test Conditions
Type
Symbol
Min
Typ
Max
Unit
Forward voltage
IF=200mA, tp/T=0.01, tp=0.3ms
VF
2.4
V
Reverse current
VR=700V
BY203/12S
IR
2
mA
VR=1000V
BY203/16S
IR
2
mA
VR=1200V
BY203/20S
IR
2
mA
Breakdown voltage
IR=100mA, tp/T=0.01, tp=0.3ms
BY203/12S
V(BR)
1200
V
g
R
m
BY203/16S
V(BR)
1600
V
BY203/20S
V(BR)
2000
V
Reverse recovery
time
IF=0.5A, IR=1A, iR=0.25A
trr
300
ns
Characteristics (Tj = 25_C unless otherwise specified)
0
400
800
1200
0
VR,VRRM – Reverse / Repetitive Peak Reverse
Voltage ( V )
1600
94 9080
40
80
120
160
240
200
VR
VRRM
BY203/12
BY203/20
BY203/16
Figure 1. Junction Temperature vs. Reverse/Repetitive
Peak Reverse Voltage
Dimensions in mm
Cathode Identification
∅ 3.6 max.
∅ 0.82 max.
4.2 max.
Sintered Glass Case
SOD 57
Weight max. 0.5 g
technical drawings
according to DIN
specifications
94 9538
26 min.
26 min.


Similar Part No. - BY203-20S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BY203-20S VISHAY-BY203-20S Datasheet
116Kb / 5P
   Fast Avalanche Sinterglass Diode
Rev. 1.7, 13-Apr-05
logo
Gulf Semiconductor
BY203-20S GULFSEMI-BY203-20S Datasheet
85Kb / 2P
   SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE: 2000V CURRENT: 0.25A
logo
Vishay Siliconix
BY203-20S VISHAY-BY203-20S Datasheet
113Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.8, 30-Jul-10
BY203-20S VISHAY-BY203-20S Datasheet
123Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
BY203-20S VISHAY-BY203-20S Datasheet
128Kb / 4P
   Fast Avalanche Sinterglass Diode
Rev. 1.9, 12-Sep-12
More results

Similar Description - BY203-20S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N5059 VISHAY-1N5059 Datasheet
43Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY448 VISHAY-BY448 Datasheet
36Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYX82 VISHAY-BYX82 Datasheet
61Kb / 5P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BY268 VISHAY-BY268 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW52 VISHAY-BYW52 Datasheet
134Kb / 6P
   Silicon Mesa Rectifiers
Rev. 1.6, 14-Apr-05
BY228-13 VISHAY-BY228-13 Datasheet
37Kb / 3P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW82 VISHAY-BYW82 Datasheet
50Kb / 4P
   Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYT77 VISHAY-BYT77 Datasheet
43Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 3, 07-Dec-99
BYV12 VISHAY-BYV12 Datasheet
48Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
BYW32 VISHAY-BYW32 Datasheet
46Kb / 4P
   Fast Silicon Mesa Rectifiers
Rev. 2, 24-Jun-98
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com