Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P060-FG144T Datasheet(PDF) 6 Page - Actel Corporation

Part # A3P060-FG144T
Description  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P060-FG144T Datasheet(HTML) 6 Page - Actel Corporation

Back Button A3P060-FG144T Datasheet HTML 2Page - Actel Corporation A3P060-FG144T Datasheet HTML 3Page - Actel Corporation A3P060-FG144T Datasheet HTML 4Page - Actel Corporation A3P060-FG144T Datasheet HTML 5Page - Actel Corporation A3P060-FG144T Datasheet HTML 6Page - Actel Corporation A3P060-FG144T Datasheet HTML 7Page - Actel Corporation A3P060-FG144T Datasheet HTML 8Page - Actel Corporation A3P060-FG144T Datasheet HTML 9Page - Actel Corporation A3P060-FG144T Datasheet HTML 10Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 136 page
background image
Automotive ProASIC3 Device Family Overview
1- 2
v1.0
techniques have been used to make invasive attacks extremely difficult. The Automotive ProASIC3
family, with FlashLock and AES security, is unique in being highly resistant to both invasive and
noninvasive attacks. Your valuable IP is protected and secure. An Automotive ProASIC3 device
provides the most impenetrable security for programmable logic designs.
Single Chip
Flash-based FPGAs store their configuration information in on-chip flash cells. Once programmed,
the configuration data is an inherent part of the FPGA structure, and no external configuration
data needs to be loaded at system power-up (unlike SRAM-based FPGAs). Therefore, flash-based
Automotive ProASIC3 FPGAs do not require system configuration components such as EEPROMs or
microcontrollers to load device configuration data. This reduces bill-of-materials costs and PCB
area, and increases security and system reliability.
Live at Power-Up
The Actel flash-based Automotive ProASIC3 devices support Level 0 of the LAPU classification
standard. This feature helps in system component initialization, execution of critical tasks before
the processor wakes up, setup and configuration of memory blocks, clock generation, and bus
activity management. The LAPU feature of flash-based Automotive ProASIC3 devices greatly
simplifies total system design and reduces total system cost, often eliminating the need for CPLDs
and external clock generation PLLs. In addition, glitches and brownouts in system power will not
corrupt the Automotive ProASIC3 device's flash configuration, and unlike SRAM-based FPGAs, the
device will not have to be reloaded when system power is restored. This enables the reduction or
complete removal of the configuration PROM, expensive voltage monitor, brownout detection,
and clock generator devices from the PCB design. Flash-based Automotive ProASIC3 devices
simplify total system design and reduce cost and design risk while increasing system reliability and
improving system initialization time.
Firm-Error Immunity
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
These errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not exist in the configuration memory of Automotive
ProASIC3 flash-based FPGAs. Once it is programmed, the flash cell configuration element of
Automotive ProASIC3 FPGAs cannot be altered by high-energy neutrons and is therefore immune
to them. Recoverable (or soft) errors occur in the user data SRAM of all FPGA devices. These can
easily be mitigated by using error detection and correction (EDAC) circuitry built into the FPGA
fabric.
Low Power
Flash-based Automotive ProASIC3 devices exhibit very low power characteristics, similar to those of
an ASIC, making them an ideal choice for power-sensitive applications. Automotive ProASIC3
devices have only a very limited power-on current surge and no high-current transition period,
both of which occur on many FPGAs.
Automotive ProASIC3 devices also have low dynamic power consumption to further maximize
power savings.


Similar Part No. - A3P060-FG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P060-FG144 ACTEL-A3P060-FG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P060-FG144 MICROSEMI-A3P060-FG144 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P060-FG144ES ACTEL-A3P060-FG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P060-FG144ES MICROSEMI-A3P060-FG144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P060-FG144I ACTEL-A3P060-FG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P060-FG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com