Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P060-FGG144T Datasheet(PDF) 1 Page - Actel Corporation

Part # A3P060-FGG144T
Description  Automotive ProASIC3 Flash Family FPGAs
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P060-FGG144T Datasheet(HTML) 1 Page - Actel Corporation

  A3P060-FGG144T Datasheet HTML 1Page - Actel Corporation A3P060-FGG144T Datasheet HTML 2Page - Actel Corporation A3P060-FGG144T Datasheet HTML 3Page - Actel Corporation A3P060-FGG144T Datasheet HTML 4Page - Actel Corporation A3P060-FGG144T Datasheet HTML 5Page - Actel Corporation A3P060-FGG144T Datasheet HTML 6Page - Actel Corporation A3P060-FGG144T Datasheet HTML 7Page - Actel Corporation A3P060-FGG144T Datasheet HTML 8Page - Actel Corporation A3P060-FGG144T Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 136 page
background image
January 2008
I
© 2008 Actel Corporation
Automotive ProASIC3 Flash Family FPGAs
Features and Benefits
High-Temperature AEC-Q100–Qualified Devices
• Grade 2 105°C TA (115°C TJ)
• Grade 1 125°C TA (135°C TJ)
•PPAP Documentation
Firm-Error Immune
• Only Automotive FPGAs to Offer Firm-Error Immunity
• Can Be Used without Configuration Upset Risk
High Capacity
• 60 k to 1 M System Gates
• Up to 144 kbits of SRAM
• Up to 300 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS
Automotive Process
• Live-at-Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
On-Chip User Nonvolatile Memory
• 1 kbit of FlashROM with Synchronous Interface
High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption via JTAG (IEEE 1532–compliant)
•FlashLock® to Secure FPGA Contents (anti-tampering)
Low Power
• 1.5 V Core Voltage
• Support for 1.5-V-Only Systems
• Low-Impedance Flash Switches
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
• High-Performance, Low-Skew Global Network
• Architecture Supports Ultra-High Utilization
Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X, and LVCMOS
2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS (A3P250 and A3P1000)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold-Sparing I/Os
• Programmable Output Slew Rate and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the Automotive ProASIC®3
Family
Clock Conditioning Circuit (CCC) and PLL
• Six CCC Blocks, One with an Integrated PLL
• Configurable
Phase
Shift,
Multiply/Divide,
Delay
Capabilities, and External Feedback
• Wide Input Frequency Range (1.5 MHz up to 350 MHz)
SRAMs
• Variable-Aspect-Ratio 4,608-Bit RAM Blocks (×1, ×2, ×4, ×9,
and ×18 organizations available)
Automotive ProASIC3 Product Family
ProASIC3 Devices
A3P060
A3P125
A3P250
A3P1000
System Gates
60 k
125 k
250 k
1 M
VersaTiles (D-flip-flops)
1,536
3,072
6,144
24,576
RAM kbits (1,024 bits)
18
36
36
144
4,608-Bit Blocks
4
8
8
32
FlashROM Bits
1 k
1 k
1 k
1 k
Secure (AES) ISP
Yes
Yes
Yes
Yes
Integrated PLL in CCCs
1111
VersaNet Globals*
18
18
18
18
I/O Banks
2244
Maximum User I/Os
96
133
157
300
Package Pins
VQFP
FBGA
VQ100
FG144
VQ100
FG144
VQ100
FG144, FG256
FG144, FG256, FG484
Note: *Six chip-wide (main) globals and three additional global networks in each quadrant are available.
v1.0
®


Similar Part No. - A3P060-FGG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P060-FGG144 ACTEL-A3P060-FGG144 Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P060-FGG144 MICROSEMI-A3P060-FGG144 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P060-FGG144ES ACTEL-A3P060-FGG144ES Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P060-FGG144ES MICROSEMI-A3P060-FGG144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
logo
Actel Corporation
A3P060-FGG144I ACTEL-A3P060-FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
More results

Similar Description - A3P060-FGG144T

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com