Electronic Components Datasheet Search |
|
A32100XL-1CQB Datasheet(PDF) 1 Page - Actel Corporation |
|
A32100XL-1CQB Datasheet(HTML) 1 Page - Actel Corporation |
1 / 84 page Fe bru ary 200 1 1 © 2001 Actel Corporation Discontinued – v3.0 Integrator Series FPGAs: 1200XL and 3200DX Families Fe atur es Hi gh Capa ci ty • 2,500 to 30,000 Logic Gates • Up to 3Kbits Configurable Dual-Port SRAM • Fast Wide-Decode Circuitry • Up to 250 User-Programmable I/O Pins Hi gh P e rf orman c e • 225 MHz Performance • 5 ns Dual-Port SRAM Access • 100 MHz FIFOs • 7.5 ns 35-Bit Address Decode Ea se- o f - In teg r a t io n • Synthesis-Friendly Architecture Supports ASIC Design Methodologies. • 95–100% Device Utilization using Automatic Place-and-Route Tools. • Deterministic, User-Controllable Timing Via Timing Driven Software Tools with Up To 100% Pin Fixing. • IEEE Standard 1149.1 (JTAG) Boundary Scan Testing. Gener al De scr i ption Actel’s Integrator Series FPGAs are the first programmable logic devices optimized for high-speed system logic integration. Based on Actel’s proprietary antifuse technology and 0.6-micron double metal CMOS process, Integrator Series devices offer a fine-grained, register-rich architecture with embedded dual-port SRAM and wide-decode circuitry. Integrator Series’ 3200DX and 1200XL families were designed to integrate system logic which is typically implemented in multiple CPLDs, PALs, and FPGAs. These devices provide the features and performance required for today’s complex, high-speed digital logic systems. The 3200DX family offers fast dual-port SRAM for implementing FIFOs, LIFOs, and temporary data storage. The large number of storage elements can efficiently address applications requiring wide datapath manipulation and transformation functions such as telecommunications, networking, and DSP. I n te grat or Ser i es Pr oduc t Pro f ile Family 1200XL 3200DX Device A1225XL A1240XL A1280XL A3265DX A32100DX A32140DX A32200DX A32300DX Capacity Logic Gates1 SRAM Bits 2,500 N/A 4,000 N/A 8,000 N/A 6,500 N/A 10,000 2,048 14,000 N/A 20,000 2,560 30,000 3,072 Logic Modules Sequential Combinatorial Decode 231 220 N/A 348 336 N/A 624 608 N/A 510 475 20 700 662 20 954 912 24 1,230 1,184 24 1,888 1,833 28 SRAM Modules (64x4 or 32x8) N/A N/A N/A N/A 8 N/A 10 12 Dedicated Flip-Flops 231 348 624 510 700 954 1,230 1,888 Clocks 2 2 2 2 6 2 6 6 User I/O (Maximum) 83 104 140 126 152 176 202 250 JTAG No No No No Yes Yes Yes Yes Packages PL84 PQ100 VQ100 PG100 PL84 PQ100 PQ144 TQ176 PG132 PL84 PQ160 PQ208 TQ176 PG176 CQ172 PL84 PQ100 PQ160 TQ176 PL84 PQ160 PQ208 TQ176 CQ84 PL84 PQ160 PQ208 TQ176 CQ256 PQ208 RQ208 RQ240 CQ208 CQ256 RQ208 RQ240 CQ256 Note: Logic gate capacity does not include SRAM bits as logic. v3.0 |
Similar Part No. - A32100XL-1CQB |
|
Similar Description - A32100XL-1CQB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |