Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYG21K Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYG21K
Description  Fast Silicon Mesa SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG21K Datasheet(HTML) 3 Page - Vishay Siliconix

  BYG21K Datasheet HTML 1Page - Vishay Siliconix BYG21K Datasheet HTML 2Page - Vishay Siliconix BYG21K Datasheet HTML 3Page - Vishay Siliconix BYG21K Datasheet HTML 4Page - Vishay Siliconix BYG21K Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYG21
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 24-Jun-98
3 (5)
Document Number 86010
0
50
100
150
200
94 9350
0
0.2
0.4
0.6
0.8
IF – Forward Current ( A )
1.0
Tamb= 125°C
IR=0.5A, iR=0.125A
75
°C
50
°C
25
°C
100
°C
Figure 5. Max. Reverse Recovery Charge vs. Forward
Current
1
10
100
1000
tp – Pulse Length ( s )
94 9339
10–5
10–4
10–3
10–2
10–1
100
101
102
tp/T=0.5
tp/T=0.2
tp/T=0.1
tp/T=0.05
tp/T=0.02
tp/T=0.01
Single Pulse
125K/W DC
Figure 6. Thermal Response


Similar Part No. - BYG21K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
97Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 11-Apr-08
logo
Shenzhen Taychipst Elec...
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
87Kb / 5P
   Fast Avalanche SMD Rectifier
Revision: 24-Aug-12
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG21K VISHAY-BYG21K Datasheet
101Kb / 5P
   Fast Avalanche SMD Rectifier
01-Jan-2022
More results

Similar Description - BYG21K

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYG23M VISHAY-BYG23M Datasheet
54Kb / 4P
   Fast Silicon Mesa SMD Rectifier
Rev. 1, 13-Aug-99
logo
Shenzhen Taychipst Elec...
BYG20D TAYCHIPST-BYG20D Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
BYG21K TAYCHIPST-BYG21K Datasheet
3Mb / 2P
   Fast Silicon Mesa SMD Rectifier
logo
Vishay Siliconix
BYG20 VISHAY-BYG20 Datasheet
59Kb / 5P
   Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG22A TAYCHIPST-BYG22A Datasheet
3Mb / 2P
   Super Fast Silicon Mesa SMD Rectifier
logo
SUNMATE electronic Co.,...
BYG21K SUNMATE-BYG21K Datasheet
621Kb / 3P
   FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG22 VISHAY-BYG22 Datasheet
59Kb / 5P
   Super Fast Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
SUNMATE electronic Co.,...
BYG22A SUNMATE-BYG22A Datasheet
363Kb / 2P
   SUPER FAST SILICON MESA SMD RECTIFIER DIODE
logo
Vishay Siliconix
BYG10 VISHAY-BYG10 Datasheet
59Kb / 5P
   Silicon Mesa SMD Rectifier
Rev. 3, 24-Jun-98
logo
Shenzhen Taychipst Elec...
BYG10D TAYCHIPST-BYG10D Datasheet
3Mb / 2P
   Silicon Mesa SMD Rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com