Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030-1PQ144ES Datasheet(PDF) 7 Page - Actel Corporation

Part # A3P030-1PQ144ES
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P030-1PQ144ES Datasheet(HTML) 7 Page - Actel Corporation

Back Button A3P030-1PQ144ES Datasheet HTML 3Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 4Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 5Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 6Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 7Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 8Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 9Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 10Page - Actel Corporation A3P030-1PQ144ES Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 206 page
background image
ProASIC3 Device Family Overview
v1.0
1 - 3
Advanced Flash Technology
The ProASIC3 family offers many benefits, including nonvolatility and reprogrammability through
an advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS
design techniques are used to implement logic and control functions. The combination of fine
granularity, enhanced flexible routing resources, and abundant flash switches allows for very high
logic utilization without compromising device routability or performance. Logic functions within
the device are interconnected through a four-level routing hierarchy.
Advanced Architecture
The proprietary ProASIC3 architecture provides granularity comparable to standard-cell ASICs. The
ProASIC3 device consists of five distinct and programmable architectural features (Figure 1-1 and
Figure 1-2 on page 1-4):
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs†
Advanced I/O structure
† The A3P015 and A3P030 do not support PLL or SRAM.
* Not supported by A3P015 and A3P030 devices
Figure 1-1 • ProASIC3 Device Architecture Overview with Two I/O Banks (A3P015, A3P030, A3P060, and
A3P125)
RAM Block
4,608-Bit Dual-Port
SRAM or FIFO Block*
VersaTile
CCC
I/Os
ISP AES
Decryption*
User Nonvolatile
FlashROM
Charge Pumps
Bank 0
Bank 1


Similar Part No. - A3P030-1PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P030-1PQ144ES MICROSEMI-A3P030-1PQ144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P030-1PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com