Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P030-1FG144ES Datasheet(PDF) 1 Page - Actel Corporation

Part # A3P030-1FG144ES
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P030-1FG144ES Datasheet(HTML) 1 Page - Actel Corporation

  A3P030-1FG144ES Datasheet HTML 1Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 2Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 3Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 4Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 5Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 6Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 7Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 8Page - Actel Corporation A3P030-1FG144ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 206 page
background image
February 2008
I
© 2008 Actel Corporation
ProASIC3 Flash Family FPGAs
with Optional Soft ARM® Support
Features and Benefits
High Capacity
• 15 k to 1 M System Gates
• Up to 144 kbits of True Dual-Port SRAM
• Up to 300 User I/Os
Reprogrammable Flash Technology
• 130-nm, 7-Layer Metal (6 Copper), Flash-Based CMOS Process
• Live at Power-Up (LAPU) Level 0 Support
• Single-Chip Solution
• Retains Programmed Design when Powered Off
High Performance
• 350 MHz System Performance
• 3.3 V, 66 MHz 64-Bit PCI
In-System Programming (ISP) and Security
• Secure ISP Using On-Chip 128-Bit Advanced Encryption
Standard (AES) Decryption (except ARM-enabled ProASIC®3
devices) via JTAG (IEEE 1532–compliant)†
•FlashLock® to Secure FPGA Contents
Low Power
• Core Voltage for Low Power
• Support for 1.5 V-Only Systems
• Low-Impedance Flash Switches
High-Performance Routing Hierarchy
• Segmented, Hierarchical Routing and Clock Structure
Advanced I/O
• 700 Mbps DDR, LVDS-Capable I/Os (A3P250 and above)
• 1.5 V, 1.8 V, 2.5 V, and 3.3 V Mixed-Voltage Operation
• Bank-Selectable I/O Voltages—up to 4 Banks per Chip
• Single-Ended
I/O
Standards:
LVTTL,
LVCMOS
3.3 V /
2.5 V / 1.8 V / 1.5 V, 3.3 V PCI / 3.3 V PCI-X† and LVCMOS
2.5 V / 5.0 V Input
• Differential I/O Standards: LVPECL, LVDS, B-LVDS, and
M-LVDS (A3P250 and above)
• I/O Registers on Input, Output, and Enable Paths
• Hot-Swappable and Cold Sparing I/Os
• Programmable Output Slew Rate† and Drive Strength
• Weak Pull-Up/-Down
• IEEE 1149.1 (JTAG) Boundary Scan Test
• Pin-Compatible Packages across the ProASIC3 Family
Clock Conditioning Circuit (CCC) and PLL†
• Six CCC Blocks, One with an Integrated PLL
• Configurable
Phase-Shift,
Multiply/Divide,
Delay
Capabilities and External Feedback
• Wide Input Frequency Range (1.5 MHz to 350 MHz)
Embedded Memory†
• 1 kbit of FlashROM User Nonvolatile Memory
• SRAMs and FIFOs with Variable-Aspect-Ratio 4,608-Bit RAM
Blocks (×1, ×2, ×4, ×9, and ×18 organizations)†
• True Dual-Port SRAM (except ×18)
ARM Processor Support in ProASIC3 FPGAs
• M1 and M7 ProASIC3 Devices—Cortex-M1 and CoreMP7 Soft
Processor Available with or without Debug
®
† A3P015 and A3P030 devices do not support this feature.
‡ Supported only by A3P015 and A3P030 devices.
ProASIC3 Product Family
ProASIC3 Devices
A3P015
A3P030
A3P060
A3P125
A3P250
A3P400
A3P600
A3P1000
ARM7 Devices 1
M7A3P1000
Cortex-M1 Devices 1
M1A3P250
M1A3P400
M1A3P600
M1A3P1000
System Gates
15 k
30 k
60 k
125 k
250 k
400 k
600 k
1 M
Typical Equivalent Macrocells
128
256
512
1,024
VersaTiles (D-flip-flops)
384
768
1,536
3,072
6,144
9,216
13,824
24,576
RAM kbits (1,024 bits)
18
36
36
54
108
144
4,608-Bit Blocks
4
8
8
122432
FlashROM Bits
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
Secure (AES) ISP 2
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLL in CCCs
––
1
1
1
1
1
1
VersaNet Globals 3
6
6
18
18
18
18
18
18
I/O Banks
22
2
2
4
4
4
4
Maximum User I/Os
49
81
96
133
157
194
235
300
Package Pins
QFN
VQFP
TQFP
PQFP
FBGA
QN68
QN132
VQ100
QN132
VQ100
TQ144
FG144
QN132
VQ100
TQ144
PQ208
FG144
QN132 5
VQ100
PQ208
FG144/256 5
PQ208
FG144/256/
484
PQ208
FG144/256/
484
PQ208
FG144/256/
484
Notes:
1. Refer to the CoreMP7 datasheet or Cortex-M1 product brief for more information.
2. AES is not available for ARM-enabled ProASIC3 devices.
3. Six chip (main) and three quadrant global networks are available for A3P060 and above.
4. For higher densities and support of additional features, refer to the ProASIC3E Flash Family FPGAs handbook.
5. The M1A3P250 device does not support this package.
v1.0


Similar Part No. - A3P030-1FG144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P030-1FG144ES MICROSEMI-A3P030-1FG144ES Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P030-1FG144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com