Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGL250V2-FCS144ES Datasheet(PDF) 7 Page - Actel Corporation

Part # AGL250V2-FCS144ES
Description  IGLOO Low-Power Flash FPGAs with Flash Freeze Technology
Download  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

AGL250V2-FCS144ES Datasheet(HTML) 7 Page - Actel Corporation

Back Button AGL250V2-FCS144ES Datasheet HTML 3Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 4Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 5Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 6Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 7Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 8Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 9Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 10Page - Actel Corporation AGL250V2-FCS144ES Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 212 page
background image
IGLOO Low-Power Flash FPGAs
v1.3
1 - 3
external memory components; instead it retains all necessary information to resume operation
immediately.
Reduced Cost of Ownership
Advantages to the designer extend beyond low unit cost, performance, and ease of use. Unlike
SRAM-based FPGAs, Flash-based IGLOO devices allow all functionality to be live at power-up; no
external boot PROM is required. On-board security mechanisms prevent access to all the
programming information and enable secure remote updates of the FPGA logic. Designers can
perform secure remote in-system reprogramming to support future design iterations and field
upgrades with confidence that valuable intellectual property cannot be compromised or copied.
Secure ISP can be performed using the industry-standard AES algorithm. The IGLOO family device
architecture mitigates the need for ASIC migration at higher user volumes. This makes the IGLOO
family a cost-effective ASIC replacement solution, especially for applications in the consumer,
networking/communications, computing, and avionics markets.
Firm-Error Immunity
Firm errors occur most commonly when high-energy neutrons, generated in the upper atmosphere,
strike a configuration cell of an SRAM FPGA. The energy of the collision can change the state of the
configuration cell and thus change the logic, routing, or I/O behavior in an unpredictable way.
These errors are impossible to prevent in SRAM FPGAs. The consequence of this type of error can be
a complete system failure. Firm errors do not exist in the configuration memory of IGLOO flash-
based FPGAs. Once it is programmed, the flash cell configuration element of IGLOO FPGAs cannot
be altered by high-energy neutrons and is therefore immune to them. Recoverable (or soft) errors
occur in the user data SRAM of all FPGA devices. These can easily be mitigated by using error
detection and correction (EDAC) circuitry built into the FPGA fabric.
Advanced Flash Technology
The IGLOO family offers many benefits, including nonvolatility and reprogrammability, through an
advanced flash-based, 130-nm LVCMOS process with seven layers of metal. Standard CMOS design
techniques are used to implement logic and control functions. The combination of fine granularity,
enhanced flexible routing resources, and abundant flash switches allows for very high logic
utilization without compromising device routability or performance. Logic functions within the
device are interconnected through a four-level routing hierarchy.
IGLOO family FPGAs utilize design and process techniques to minimize power consumption in all
modes of operation.
Advanced Architecture
The proprietary IGLOO architecture provides granularity comparable to standard-cell ASICs. The
IGLOO device consists of five distinct and programmable architectural features (Figure 1-1 on
page 1-4 and Figure 1-2 on page 1-4):
Flash*Freeze technology
FPGA VersaTiles
Dedicated FlashROM
Dedicated SRAM/FIFO memory
Extensive CCCs and PLLs†
Advanced I/O structure
The FPGA core consists of a sea of VersaTiles. Each VersaTile can be configured as a three-input
logic function, a D-flip-flop (with or without enable), or a latch by programming the appropriate
flash switch interconnections. The versatility of the IGLOO core tile as either a three-input lookup
table (LUT) equivalent or a D-flip-flop/latch with enable allows for efficient use of the FPGA fabric.
The VersaTile capability is unique to the Actel ProASIC® family of third-generation-architecture
flash FPGAs. VersaTiles are connected with any of the four levels of routing hierarchy. Flash
switches are distributed throughout the device to provide nonvolatile, reconfigurable interconnect
programming. Maximum core utilization is possible for virtually any design.
The AGL015 and AGL030 do not support PLL or SRAM.


Similar Part No. - AGL250V2-FCS144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL250V2-FG144 MICROSEMI-AGL250V2-FG144 Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V2-FG144ES MICROSEMI-AGL250V2-FG144ES Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V2-FG144I MICROSEMI-AGL250V2-FG144I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V2-FG144PP MICROSEMI-AGL250V2-FG144PP Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V2-FG144Y MICROSEMI-AGL250V2-FG144Y Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
More results

Similar Description - AGL250V2-FCS144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AGL015 MICROSEMI-AGL015 Datasheet
11Mb / 248P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL250V5-CSG196I MICROSEMI-AGL250V5-CSG196I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGL1000V2-FGG484I MICROSEMI-AGL1000V2-FGG484I Datasheet
11Mb / 250P
   IGLOO Low Power Flash FPGAs with Flash*Freeze Technology
AGLN060V5-CSG81 MICROSEMI-AGLN060V5-CSG81 Datasheet
7Mb / 150P
   IGLOO nano Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLP030 ACTEL-AGLP030_V01 Datasheet
4Mb / 128P
   IGLOO PLUS Low Power Flash FPGAs with Flash*Freeze Technology
logo
Microsemi Corporation
A3PE3000L-1FG484I MICROSEMI-A3PE3000L-1FG484I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
logo
Actel Corporation
AGLE3000V2-FGG896I ACTEL-AGLE3000V2-FGG896I Datasheet
4Mb / 156P
   IGLOOe Low-Power Flash FPGAs with Flash Freeze Technology
logo
Microsemi Corporation
A3P250L-VQ100I MICROSEMI-A3P250L-VQ100I Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000L-FGG256 MICROSEMI-A3P1000L-FGG256 Datasheet
11Mb / 242P
   ProASIC3L Low Power Flash FPGAs with Flash*Freeze Technology
A3P1000-PQ208I MICROSEMI-A3P1000-PQ208I Datasheet
10Mb / 212P
   Military ProASIC3/EL Low Power Flash FPGAs with Flash*Freeze Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com