Electronic Components Datasheet Search |
|
A32140DXV-PLC Datasheet(PDF) 2 Page - Actel Corporation |
|
A32140DXV-PLC Datasheet(HTML) 2 Page - Actel Corporation |
2 / 84 page Inte gra t or Serie s FP GAs: 1 200XL a nd 3200 DX F amilie s 2 Discontinued – v3.0 Orde ring I n fo rmation Application (Temperature Range) C = Commercial (0 to +70°C) I = Industrial (–40 to +85°C) M = Military (–55 to +125°C) B= MIL-STD-883 Package Type CQ = Ceramic Quad Flat Pack PG = Ceramic Pin Grid Array PL = Plastic Leaded Chip Carrier PQ = Plastic Quad Flat Pack RQ = Plastic Power Quad Flat Pack TQ = Thin (1.4 mm) Quad Flat Pack VQ = Very Thin (1.0 mm) Quad Flat Pack Speed Grade Blank = Standard Speed 1 = Approximately 15% Faster than Standard 2 = Approximately 25% Faster than Standard 3 = Approximately 35% Faster than Standard F = Approximately 30% Slower than Standard Part Number A1225 = 2500 Gates A1240 = 4000 Gates A3265 = 6500 Gates A1280 = 8000 Gates A32100 = 10000 Gates A32140 = 14000 Gates A32200 = 20000 Gates A32300 = 30000 Gates Die Revision XL = 1200XL Family DX = 3200DX Family Package Lead Count A1225 – PQ 100 C XL Operating Voltage V = 3.3 Volt Blank = 5.0 Volt V Note: This family has been discontinued. |
Similar Part No. - A32140DXV-PLC |
|
Similar Description - A32140DXV-PLC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |