Electronic Components Datasheet Search |
|
AGL400V5-FQNG144PP Datasheet(PDF) 3 Page - Actel Corporation |
|
AGL400V5-FQNG144PP Datasheet(HTML) 3 Page - Actel Corporation |
3 / 212 page IGLOO Low-Power Flash FPGAs v1.3 III IGLOO Ordering Information Notes: 1. Marking Information: IGLOO V2 devices do not have V2 marking, but IGLOO V5 devices are marked accordingly. 2. The DC and switching characteristics for the –F speed grade targets are based only on simulation. The characteristics provided for the –F speed grade are subject to change after establishing FPGA specifications. Some restrictions might be added and will be reflected in future revisions of this document. The –F speed grade is only supported in the commercial temperature range. Speed Grade Blank = Standard F = 20% Slower than Standard* Supply Voltage 2 = 1.2 V to 1.5 V 5 = 1.5 V only AGL1000 V2 FG _ Part Number IGLOO Devices Package Type VQ = Very Thin Quad Flat Pack (0.5 mm pitch) QN = Quad Flat Pack No Leads (0.4 mm and 0.5 mm pitch) 144 I Package Lead Count G Lead-Free Packaging Application (Temperature Range) Blank = Commercial (0°C to +70°C Ambient Temperature) I= Industrial ( –40°C to +85°C Ambient Temperature) Blank = Standard Packaging G= RoHS-Compliant Packaging PP = Pre-Production ES =Engineering Sample (Room Temperature Only) 30,000 System Gates AGL030 = 15,000 System Gates AGL015 = 60,000 System Gates AGL060= 125,000 System Gates AGL125 = 250,000 System Gates AGL250 = 600,000 System Gates AGL600 = 400,000 System Gates AGL400 = 1,000,000 System Gates AGL1000 = CS = Chip Scale Package (0.4 mm and 0.5 mm pitches) UC = Micro Chip Scale Package (0.4 mm pitch) FG = Fine Pitch Ball Grid Array (1.0 mm pitch) IGLOO Devices with Cortex-M1 250,000 System Gates M1AGL250 = 600,000 System Gates M1AGL600 = 400,000 System Gates M1AGL400 = 1,000,000 System Gates M1AGL1000= |
Similar Part No. - AGL400V5-FQNG144PP |
|
Similar Description - AGL400V5-FQNG144PP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |