Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA450-FGPP Datasheet(PDF) 7 Page - Actel Corporation

Part # APA450-FGPP
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA450-FGPP Datasheet(HTML) 7 Page - Actel Corporation

Back Button APA450-FGPP Datasheet HTML 3Page - Actel Corporation APA450-FGPP Datasheet HTML 4Page - Actel Corporation APA450-FGPP Datasheet HTML 5Page - Actel Corporation APA450-FGPP Datasheet HTML 6Page - Actel Corporation APA450-FGPP Datasheet HTML 7Page - Actel Corporation APA450-FGPP Datasheet HTML 8Page - Actel Corporation APA450-FGPP Datasheet HTML 9Page - Actel Corporation APA450-FGPP Datasheet HTML 10Page - Actel Corporation APA450-FGPP Datasheet HTML 11Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 174 page
background image
ProASICPLUS Flash Family FPGAs
v5.7
1-1
General Description
The ProASICPLUS family of devices, Actel’s second-
generation Flash FPGAs, offers enhanced performance
over Actel’s ProASIC family. It combines the advantages
of ASICs with the benefits of programmable devices
through nonvolatile Flash technology. This enables
engineers to create high-density systems using existing
ASIC or FPGA design flows and tools. In addition, the
ProASICPLUS family offers a unique clock conditioning
circuit based on two on-board phase-locked loops (PLLs).
The family offers up to one million system gates,
supported with up to 198 kbits of two-port SRAM and up
to 712 user I/Os, all providing 50 MHz PCI performance.
Advantages
to
the
designer
extend
beyond
performance. Unlike SRAM-based FPGAs, four levels of
routing hierarchy simplify routing, while the use of Flash
technology allows all functionality to be live at power-
up. No external boot PROM is required to support device
programming. While on-board security mechanisms
prevent
access
to
the
program
information,
reprogramming can be performed in-system to support
future design iterations and field upgrades. The device’s
architecture mitigates the complexity of ASIC migration
at higher user volume. This makes ProASICPLUS a cost-
effective solution for applications in the networking,
communications, computing, and avionics markets.
The ProASICPLUS family achieves its nonvolatility and
reprogrammability through an advanced Flash-based
0.22
μm LVCMOS process with four layers of metal.
Standard
CMOS
design
techniques
are
used
to
implement logic and control functions, including the
PLLs and LVPECL inputs. This results in predictable
performance compatible with gate arrays.
The
ProASICPLUS
architecture
provides
granularity
comparable to gate arrays. The device core consists of a
Sea-of-Tiles
. Each tile can be configured as a flip-flop,
latch, or three-input/one-output logic function by
programming the appropriate Flash switches. The
combination
of
fine
granularity,
flexible
routing
resources, and abundant Flash switches allow 100%
utilization and over 95% routability for highly congested
designs. Tiles and larger functions are interconnected
through a four-level routing hierarchy.
Embedded two-port SRAM blocks with built-in FIFO/RAM
control logic can have user-defined depths and widths.
Users can also select programming for synchronous or
asynchronous operation, as well as parity generations or
checking.
The unique clock conditioning circuitry in each device
includes two clock conditioning blocks. Each block
provides a PLL core, delay lines, phase shifts (0
° and
180
°), and clock multipliers/dividers, as well as the
circuitry needed to provide bidirectional access to the
PLL.
The
PLL
block
contains
four
programmable
frequency dividers which allow the incoming clock signal
to be divided by a wide range of factors from 1 to 64.
The clock conditioning circuit also delays or advances the
incoming reference clock up to 8 ns (in increments of
0.25 ns). The PLL can be configured internally or
externally during operation without redesigning or
reprogramming the part. In addition to the PLL, there
are two LVPECL differential input pairs to accommodate
high-speed clock and data inputs.
To support customer needs for more comprehensive,
lower-cost,
board-level
testing,
Actel’s
ProASICPLUS
devices are fully compatible with IEEE Standard 1149.1
for test access port and boundary-scan test architecture.
For more information concerning the Flash FPGA
implementation, please refer to the "Boundary Scan
(JTAG)" section on page 1-11.
ProASICPLUS devices are available in a variety of high-
performance plastic packages. Those packages and the
performance features discussed above are described in
more detail in the following sections.


Similar Part No. - APA450-FGPP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA450-FG1152ES ACTEL-APA450-FG1152ES Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-FG1152I ACTEL-APA450-FG1152I Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-FG1152PP ACTEL-APA450-FG1152PP Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA450-FG144I ACTEL-APA450-FG144I Datasheet
352Kb / 10P
   ProASICPLUS짰 Flash Family FPGAs
APA450-FG256A ACTEL-APA450-FG256A Datasheet
363Kb / 10P
   ProASICPLUS짰 Flash Family FPGAs
More results

Similar Description - APA450-FGPP

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com