Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4002S Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # 1N4002S
Description  PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

1N4002S Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  1N4002S Datasheet HTML 1Page - HY ELECTRONIC CORP. 1N4002S Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
1N4001S thru 1N4007S
~ 11 ~
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
50
40
30
20
10
0
1
2
5
10
20
50
100
PULSE WIDTH 8.3mS
SINGLE Half-Sine-Wave
(JEDEC METHOD)
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 – TYPICAL FORWARD CHARACTERISTICS
PULSE WIDTH 300us
TJ = 25°
C
10
0
0.1
1.0
0.01
0.2
0.6
0.4
4
0.8
1.2
1.6
1.4
1.8
1.0
TJ = 25°C
f = 1 MHz
4
100
10
60
40
20
4
2
1
40
10
100
1
REVERSE VOLTAGE ,VOLTS
FIG. 3 – TYPICAL JUNCTION CAPACITANCE
25
50
75
100
125
150
175
1.0
0.8
0.6
0.4
0.2
0
SINGLE PHASE HALF WAVE
60Hz RESISTIVE OR
INDUCTIVE LOAD
FIG. 1 - FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE. ℃


Similar Part No. - 1N4002S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4002S PANJIT-1N4002S Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Nanjing International G...
1N4002S DGNJDZ-1N4002S Datasheet
273Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Diotech Company.
1N4002S DIOTECH-1N4002S Datasheet
666Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
logo
Compact Technology Corp...
1N4002S CTC-1N4002S Datasheet
73Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Transys Electronics
1N4002S TRSYS-1N4002S Datasheet
148Kb / 3P
   PLASTIC SILICON RECTIFIER
More results

Similar Description - 1N4002S

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CT4A01 CTC-CT4A01 Datasheet
41Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
HY ELECTRONIC CORP.
1N4001 HY-1N4001 Datasheet
35Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
P600A SEMTECH_ELEC-P600A Datasheet
238Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001_10 Datasheet
64Kb / 2P
   PLASTIC SILICON RECTIFIERS
BY127M PANJIT-BY127M_09 Datasheet
68Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Shenzhen Luguang Electr...
6A05S LUGUANG-6A05S Datasheet
136Kb / 2P
   Plastic Silicon Rectifiers
8A05 LUGUANG-8A05 Datasheet
171Kb / 2P
   Plastic Silicon Rectifiers
EM513 LUGUANG-EM513 Datasheet
157Kb / 2P
   Plastic Silicon Rectifiers
P600A LUGUANG-P600A Datasheet
173Kb / 2P
   Plastic Silicon Rectifiers
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Compact Technology Corp...
1N5391 CTC-1N5391_15 Datasheet
61Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com