Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W005MG Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 2W005MG
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

2W005MG Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  2W005MG Datasheet HTML 1Page - HY ELECTRONIC CORP. 2W005MG Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -60 amperes peak
Ldeal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
Mounting Position :Any
Lead:sliver plated copper lead.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
2W005G
2W01G
2W02G
2W04G
2W06G
2W08G
2W10G
2W005MG 2W01MG 2W02MG 2W04MG 2W06MG 2W08MG 2W10MG
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Bridge Input Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=25℃
Peak Forward Surge Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Maximum Forward Voltage Drop per Element
at 2.0A Peak
Maximum Reverse Current at Rated
TJ=25℃
μA
DC Blocking Voltage
TJ=100℃
mA
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Operating Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
GLASS PASSIVATED
BRIDGE RECTIFIERS
60
I(AV)
IFSM
CHARACTERISTICS
SYMBOL
~ 400 ~
30
2WOXG/2WOXMG SERIES
A
2.0
Dimensions in inches and (millimeters)
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
UNIT
IR
1.1
V
10.0
VF
A
1.0
-55 to +150
-55 to +150
15.0
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)


Similar Part No. - 2W005MG

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
2W005MG HY-2W005MG Datasheet
360Kb / 3P
   Glass Passivated Bridge Rectifiers
More results

Similar Description - 2W005MG

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com