Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W06 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # 2W06
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

2W06 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  2W06 Datasheet HTML 1Page - HY ELECTRONIC CORP. 2W06 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -60 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded plastic
technique results in expensive product
Mounting position:Any
Lead: Sliver plated copper lead
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
2W005
2W01
2W02
2W04
2W06
2W08
2W10
2W005M 2W01M
2W02M
2W04M
2W06M
2W08M
2W10M
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
0.375″(9.5mm) Lead Lengths
@TA=25 ℃
Peak Forward Surge Current ,
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
I2t Rating for Fusing (t<8.3ms)
I2t
A2s
Maximum Forward Voltage Drop
Per Element at 2.0A Peak
Maximum DC Reverse Current at Rated
TJ=25℃
μA
DC Blocking Voltage
TJ=100℃
mA
Typical Junction Capacitance Per Element (Note1)
CJ
pF
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
Note:1.Measured at 1.0MHz and applied reverse voltage of 4.0V DC.
CHARACTERISTICS
UNIT
SYMBOL
~ 312 ~
10.0
1.0
1.1
V
VF
IR
30
Dimensions in inches and (millimeters)
2WO/2WOM SERIES
SILICON BRIDGE RECTIFIERS
REVERSE VOLTAGE
- 50 to 1000Volts
FORWARD CURRENT - 2.0 Amperes
A
A
I(AV)
IFSM
-55 to +150
2.0
-55 to +125
15.0
60
WOB
.180(4.6)
.220(5.6)
SPACING
.350(8.9)
.366(9.3)
.220(5.6)
.200(5.1)
MIN
(27.9)
1.1
1.0
(25.4)
MIN
.180(4.6)
.220(5.6)
.032(0.81)
.028(0.71)
POS.
LEAD
WOBM
.386(9.8)
.354(9.0)
.181(4.6)
.150(3.8)
1.1
(27.9)
MIN
MIN
(25.4)
1.0
.032(0.81)
.028(0.71)
.220(5.6)
.180(4.6)
POS.
LEAD
SPACING
.220(5.6)
.180(4.6)


Similar Part No. - 2W06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W06 WTE-2W06 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
2W06 ASEMI-2W06 Datasheet
105Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Taiwan Semiconductor Co...
2W06 TSC-2W06 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
SynSemi, Inc.
2W06 SYNSEMI-2W06 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Jinan Gude Electronic D...
2W06 JGD-2W06 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - 2W06

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com