Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2W06 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # 2W06
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

2W06 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  2W06 Datasheet HTML 1Page - HY ELECTRONIC CORP. 2W06 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES
2WO/2WOM SERIES
~ 313 ~
REVERSE VOLTAGE,VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE PER BRIDGE ELEMENT
1.0
2.0
4.0
6.0
10
20
40
60
100
0.1
1.0
2.0
4.0
10
20
40
100
0.2
0.4
TJ
=25℃,
f=1MHZ
Vsig=50m p-p
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ,℃
0
2.0
50
100
150
FIG.2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
10
20
30
40
50
1
2
5
10
20
50
100
60
SINGLE SINE-WAVE
JEDEC METHOD
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE. VOLTS
0.4
0.6
0.8
1.0
1.2
1.4
0.01
0.1
1.0
10.0
TJ=25
TYPICAL
DISTRIBUTION
FIG.3-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE
0.01
0.1
1.0
10
0
120
40
60
80
100
140
20
TJ=25
TJ=100


Similar Part No. - 2W06

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2W06 WTE-2W06 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
ASEMI TECHNOLOGY., LTD
2W06 ASEMI-2W06 Datasheet
105Kb / 2P
   ASEMI Bridge Rectifier
2018.11 Rev.3.1
logo
Taiwan Semiconductor Co...
2W06 TSC-2W06 Datasheet
261Kb / 2P
   Single Phase 2.0 AMPS. Silicon Bridge Rectifiers
logo
SynSemi, Inc.
2W06 SYNSEMI-2W06 Datasheet
410Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Jinan Gude Electronic D...
2W06 JGD-2W06 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
More results

Similar Description - 2W06

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com