Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU406F Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BU406F
Description  isc Silicon NPN Power Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BU406F Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BU406F Datasheet HTML 1Page - Inchange Semiconductor Company Limited BU406F Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Power Transistors
BU406F/407F
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
BU406F
200
VCEO(SUS)
Collector-Emitter
Sustaining Voltage
BU407F
IC= 200mA ; IB= 0; L= 25mH
150
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.0
V
VBE(sat)
Base-Emitter Saturation Voltage
IC= 5A; IB= 0.5A
B
1.2
V
ICES
Collector Cutoff Current
VCE= VCESmax; VBE= 0
0.05
1
mA
BU406F
VCE= 250V; VBE= 0
VCE= 350V; VBE= 0;TJ=150℃
0.1
1
ICES
Collector Cutoff Current
BU407F
VCE= 200V; VBE= 0
VCE= 200V; VBE= 0;TJ=150℃
0.1
1
mA
IEBO
Emitter Cutoff Current
VEB= 5V; IC= 0
1
mA
fT
Current-Gain—Bandwidth Product
IC= 0.5A ; VCE= 10V
4
MHz
toff
Turn-Off Time
IC= 5A; IB1= -IB2= 0.5A
0.75
μs
isc Website:www.iscsemi.cn
2


Similar Part No. - BU406F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BU406FI ISC-BU406FI Datasheet
102Kb / 2P
   isc Silicon NPN Power Transistors
More results

Similar Description - BU406F

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2N5930 ISC-2N5930 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2N5933 ISC-2N5933 Datasheet
141Kb / 2P
   isc Silicon NPN Power Transistors
2N5935 ISC-2N5935 Datasheet
142Kb / 2P
   isc Silicon NPN Power Transistors
2SD583 ISC-2SD583 Datasheet
256Kb / 2P
   isc Silicon NPN Power Transistors
BUS132 ISC-BUS132 Datasheet
195Kb / 2P
   isc Silicon NPN Power Transistors
MJD41C ISC-MJD41C Datasheet
260Kb / 3P
   isc Silicon NPN Power Transistors
BUW132 ISC-BUW132 Datasheet
110Kb / 2P
   isc Silicon NPN Power Transistors
D44TD3 ISC-D44TD3 Datasheet
107Kb / 2P
   isc Silicon NPN Power Transistors
2N4915 ISC-2N4915 Datasheet
40Kb / 2P
   isc Silicon NPN Power Transistors
BDT31 ISC-BDT31 Datasheet
116Kb / 2P
   isc Silicon NPN Power Transistors
MJ13080 ISC-MJ13080 Datasheet
143Kb / 2P
   isc Silicon NPN Power Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com