Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY17 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # CNY17
Description  Optocoupler, Phototransistor Output, With Base Connection
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY17 Datasheet(HTML) 4 Page - Vishay Siliconix

  CNY17 Datasheet HTML 1Page - Vishay Siliconix CNY17 Datasheet HTML 2Page - Vishay Siliconix CNY17 Datasheet HTML 3Page - Vishay Siliconix CNY17 Datasheet HTML 4Page - Vishay Siliconix CNY17 Datasheet HTML 5Page - Vishay Siliconix CNY17 Datasheet HTML 6Page - Vishay Siliconix CNY17 Datasheet HTML 7Page - Vishay Siliconix CNY17 Datasheet HTML 8Page - Vishay Siliconix CNY17 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number 83606
Rev. 1.5, 26-Oct-04
CNY17
Vishay Semiconductors
Switching Characteristics
Linear operation (without saturation)
Switching operation (with saturation)
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 10 mA, VCC = 5.0 V, RL = 75 W
ton
3.0
µs
Rise time
IF = 10 mA, VCC = 5.0 V, RL = 75 W
tr
2.0
µs
Turn-off time
IF = 10 mA, VCC = 5.0 V, RL = 75 W
toff
2.3
µs
Fall time
IF = 10 mA, VCC = 5.0 V, RL = 75 W
tf
2.0
µs
Cut-off frequency
IF = 10 mA, VCC = 5.0 V,
fCO
250
kHz
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
Turn-on time
IF = 20 mA
CNY17-1
ton
3.0
µs
IF = 10 mA
CNY17-2
ton
4.2
µs
CNY17-3
ton
4.2
µs
IF = 5.0 mA
CNY17-4
ton
6.0
µs
Rise time
IF = 20 mA
CNY17-1
tf
2.0
µs
IF = 10 mA
CNY17-2
tf
3.0
µs
CNY17-3
tf
3.0
µs
IF = 5.0 mA
CNY17-4
tf
4.6
µs
Turn-off time
IF = 20 mA
CNY17-1
toff
18
µs
IF = 10 mA
CNY17-2
toff
23
µs
CNY17-3
toff
23
µs
IF = 5.0 mA
CNY17-4
toff
25
µs
Fall time
IF = 20 mA
CNY17-1
tf
11
µs
IF = 10 mA
CNY17-2
tf
14
µs
CNY17-3
tf
14
µs
IF = 5.0 mA
CNY17-4
tf
15
µs
Figure 1. Linear Operation ( without Saturation)
icny17_01
RL = 75 Ω
VCC = 5 V
IC
47
Ω
IF
Figure 2. Switching Operation (with Saturation)
IF
1K
Ω
VCC = 5 V
47
Ω
icny17_02


Similar Part No. - CNY17

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
CNY17 SIEMENS-CNY17 Datasheet
146Kb / 4P
   TRIOS??PHOTOTRANSISTOR OPTOCOUPLER
logo
Fairchild Semiconductor
CNY17 FAIRCHILD-CNY17 Datasheet
228Kb / 11P
   PHOTOTRANSISTOR OPTOCOUPLERS
logo
Vishay Siliconix
CNY17 VISHAY-CNY17 Datasheet
129Kb / 9P
   Optocoupler, Phototransistor Output,
Rev. 1.5, 09-Nov-05
logo
List of Unclassifed Man...
CNY17 ETC2-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
CNY17 ETC1-CNY17 Datasheet
522Kb / 16P
   6-PIN DIP PHOTOTRANSISTOR OPTOCOUPLER
More results

Similar Description - CNY17

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
4N25 VISHAY-4N25 Datasheet
147Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Jan-05
IL1 VISHAY-IL1 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 08-May-08
SFH601 VISHAY-SFH601_15 Datasheet
171Kb / 10P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.6, 23-Jul-15
IL2 VISHAY-IL2_V02 Datasheet
136Kb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
01-Jan-2023
H11A1 VISHAY-H11A1 Datasheet
144Kb / 8P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.7, 23-Jul-15
CNY17G VISHAY-CNY17G Datasheet
132Kb / 9P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.4, 08-May-08
CNY17 VISHAY-CNY17_V02 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2023
CNY17 VISHAY-CNY17_V01 Datasheet
209Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
01-Jan-2022
SFH601 VISHAY-SFH601 Datasheet
2Mb / 9P
   Optocoupler, Phototransistor Output, With Base Connection
Rev. 1.4, 26-Oct-04
SFH600 VISHAY-SFH600 Datasheet
137Kb / 9P
   Optocoupler, Phototransistor Output, with Base Connection
Rev. 1.5, 10-Jan-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com