Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LND324 Datasheet(PDF) 3 Page - Linear Dimensions Semiconductor

Part # LND324
Description  Quadruple Operational Amplifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR_DIMENSIONS [Linear Dimensions Semiconductor]
Direct Link  http://www.lineardimensions.com
Logo LINEAR_DIMENSIONS - Linear Dimensions Semiconductor

LND324 Datasheet(HTML) 3 Page - Linear Dimensions Semiconductor

  LND324 Datasheet HTML 1Page - Linear Dimensions Semiconductor LND324 Datasheet HTML 2Page - Linear Dimensions Semiconductor LND324 Datasheet HTML 3Page - Linear Dimensions Semiconductor LND324 Datasheet HTML 4Page - Linear Dimensions Semiconductor LND324 Datasheet HTML 5Page - Linear Dimensions Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
The LM324 Op amps which operate with only a single supply voltage, have true-differential
inputs, and remain in the linear mode with an input common-mode voltage of 0 VDC. These
amplifiers operate over a wide range of power supply voltages with little change in
performance characteristics.
Precautions should be taken to insure that the power supply for the intergrated circuit never
becomes reversed in polarity or that the unit is not inadvertently installed backwards in a test
socket as an unlimited current surge through the resulting forward diode within the IC could
cause fusing of the internal conductors and result in a destroyed unit.
Large differential input voltages can be easily accommodated and as input differential
voltage protection diodes are not needed, no large input currents result from large differential
input voltages. The differential input voltages from going negative more than –0.3VDC(25
°C).
An input clamp diode with a resistor to the IC input terminal could be used.
The circuits presented in the section on typical applications emphasize operation on only a
single power supply voltage. If complementary power supplies are available, all of the
standard op-amp circuits can be used. In general, introducing a pseudo-ground( a bias
voltage reference of V+/2) will allow operation above and below this value in single power
supply systems. Many applications circuits are shown which take advantage of the wide
input common-mode voltage range, which includes ground. In most cases, input biasing is
not required and input voltages which range to ground can easily be accommodated.
APPLICATION HINTS
TYPICAL APPLICATIONS
LND324
• Linear Dimensions, Inc. • 445 East Ohio Street, Chicago IL 60611 USA • tel 312.321.1810 • fax 312.321.1830 • www.lineardimensions.com •
Non Inverting DC Gain ( 0 V Output )
LND324
VO
+
-
IN
+V
VOLTAGE FOLLOWER
VO
+V
+V
IN
REF
+
-
COMPARATOR WITH HYSTERESIS
LND324
10K
10M
+5 V
LND324
+V
O
+
-
+VIN
*
1M
10K
*R not needed due to temperature independent I
IN
V
(Volts)
VIN (mV)
GAIN =1+(R2/R1)
=101 (as shown)
O
o
R1
R2


Similar Part No. - LND324

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LND3045 LINEAR_DIMENSIONS-LND3045 Datasheet
68Kb / 1P
   Analog Sensor Interface Chip- SAR ADC with SPI
LND317 LINEAR_DIMENSIONS-LND317 Datasheet
106Kb / 4P
   3-Terminal Adjustable Regulators
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
LND34063A LINEAR_DIMENSIONS-LND34063A Datasheet
156Kb / 7P
   DC-to-DC Converter Control Circuits
LND3465 LINEAR_DIMENSIONS-LND3465 Datasheet
68Kb / 1P
   LND3526H/L-/CB DUAL USB POWER CONTROL SWITCH
More results

Similar Description - LND324

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
LM324M ESTEK-LM324M Datasheet
146Kb / 2P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324K TI-LM324K Datasheet
526Kb / 18P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED JANUARY 2005
logo
Guangdong Youtai Semico...
LM124 UMW-LM124 Datasheet
1Mb / 10P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM324NE3 TI1-LM324NE3 Datasheet
1Mb / 35P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED MARCH 2010
logo
Shenzhen Luguang Electr...
LM324 LUGUANG-LM324 Datasheet
484Kb / 4P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI-LM148_06 Datasheet
399Kb / 12P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Panasonic Semiconductor
AN1324 PANASONIC-AN1324 Datasheet
34Kb / 3P
   Quadruple Operational Amplifiers
logo
Texas Instruments
LM148 TI1-LM148_16 Datasheet
766Kb / 15P
[Old version datasheet]   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
LM224 UTC-LM224_15 Datasheet
208Kb / 4P
   QUADRUPLE OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM124 ARTSCHIP-LM124 Datasheet
244Kb / 7P
   QUADRUPLE OPERATIONAL AMPLIFIERS
REVISED FEBRUARY 1997
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com