Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A3P600-2PQ144ES Datasheet(PDF) 2 Page - Actel Corporation

Part # A3P600-2PQ144ES
Description  ProASIC3 Flash Family FPGAs
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

A3P600-2PQ144ES Datasheet(HTML) 2 Page - Actel Corporation

  A3P600-2PQ144ES Datasheet HTML 1Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 2Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 3Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 4Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 5Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 6Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 7Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 8Page - Actel Corporation A3P600-2PQ144ES Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 206 page
background image
II
v1.0
I/Os Per Package 1
ProASIC3
Devices
A3P015
A3P030
A3P060
A3P125
A3P250 3
A3P400 3
A3P600
A3P1000
ARM7 Devices
M7A3P1000
Cortex-M1
Devices
M1A3P250 3,6
M1A3P400 3
M1A3P600
M1A3P1000
Package
I/O Type
QN68
49
–––
QN132
818084
87
19
VQ100
77
71
71
68
13
TQ144
91
100
––––––
PQ208
133
151
34
151
34
154
35
154
35
FG144
96
97
97
24
97
25
97
25
97
25
FG256
157
38
178
38
177
43
177
44
FG484
194
38
235
60
300
74
Notes:
1. When considering migrating your design to a lower- or higher-density device, refer to the ProASIC3 Flash Family FPGAs
handbook to ensure complying with design and board migration requirements.
2. Each used differential I/O pair reduces the number of single-ended I/Os available by two.
3. For A3P250 and A3P400 devices, the maximum number of LVPECL pairs in east and west banks cannot exceed 15. Refer
to the ProASIC3 Flash Family FPGAs handbook for position assignments of the 15 LVPECL pairs.
4. FG256 and FG484 are footprint-compatible packages.
5. "G" indicates RoHS-compliant packages. Refer to "ProASIC3 Ordering Information" on page III for the location of the
"G" in the part number.
6. The M1A3P250 device does not support FG256 or QN132 packages.
Table 1-1 • ProASIC3 FPGAs Package Sizes Dimensions
Package
QN68
QN132
VQ100
TQ144
PQ208
FG144
FG256
FG484
Length × Width
(mm\mm)
8 × 8
8 × 8
14 × 14
20 × 20
28 × 28
13 × 13
17 × 17
23 × 23
Nominal Area
(mm2)
64
64
196
400
784
169
289
529
Pitch (mm)
0.40.5
0.50.5
0.51.0
1.01.0
Height (mm)
0.90
0.75
1.00
1.40
3.40
1.45
1.60
2.23


Similar Part No. - A3P600-2PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P600-2PQ144 MICROSEMI-A3P600-2PQ144 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-2PQ144I MICROSEMI-A3P600-2PQ144I Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-2PQ144PP MICROSEMI-A3P600-2PQ144PP Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-2PQ144Y MICROSEMI-A3P600-2PQ144Y Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
A3P600-2PQ144YI MICROSEMI-A3P600-2PQ144YI Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs with Optional Soft ARM Support
More results

Similar Description - A3P600-2PQ144ES

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144T ACTEL-A3P1000-1FGG144T Datasheet
4Mb / 136P
   Automotive ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3PN015-QNG68 MICROSEMI-A3PN015-QNG68 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN030-ZVQG100 MICROSEMI-A3PN030-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-ZVQG100 MICROSEMI-A3PN125-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN125-VQG100I MICROSEMI-A3PN125-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
logo
Actel Corporation
A3PN010 ACTEL-A3PN010 Datasheet
3Mb / 106P
   ProASIC3 nano Flash FPGAs
logo
Microsemi Corporation
A3PN030-ZQNG48 MICROSEMI-A3PN030-ZQNG48 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-ZVQG100 MICROSEMI-A3PN060-ZVQG100 Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
A3PN060-VQG100I MICROSEMI-A3PN060-VQG100I Datasheet
5Mb / 114P
   ProASIC3 nano Flash FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com