Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CNY75GC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CNY75GC
Description  Optocoupler with Phototransistor Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CNY75GC Datasheet(HTML) 3 Page - Vishay Siliconix

  CNY75GC Datasheet HTML 1Page - Vishay Siliconix CNY75GC Datasheet HTML 2Page - Vishay Siliconix CNY75GC Datasheet HTML 3Page - Vishay Siliconix CNY75GC Datasheet HTML 4Page - Vishay Siliconix CNY75GC Datasheet HTML 5Page - Vishay Siliconix CNY75GC Datasheet HTML 6Page - Vishay Siliconix CNY75GC Datasheet HTML 7Page - Vishay Siliconix CNY75GC Datasheet HTML 8Page - Vishay Siliconix CNY75GC Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CNY75A/ B/ C/ GA/ GB/ GC
Document Number 83536
Rev. 1.7, 26-Oct-04
Vishay Semiconductors
www.vishay.com
3
Electrical Characteristics
Tamb = 25 °C, unless otherwise specified
Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Input
Output
Coupler
Current Transfer Ratio
Switching Characteristics
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Forward voltage
IF = 50 mA
VF
1.25
1.6
V
Reverse current
VR = 6 V
IR
10
µA
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector base voltage
IC = 100 µAVCBO
90
V
Collector emitter voltage
IC = 1 mA
VCEO
90
V
Emitter collector voltage
IE = 100 µAVECO
7V
Collector-emitter leakage
current
VCE = 20 V, IF = 0
ICEO
150
nA
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Collector emitter saturation
voltage
IF = 10 mA, IC = 1 mA
VCEsat
0.3
V
Cut-off frequency
VCE = 5 V, IF = 10 mA,
RL = 100 Ω
fc
110
kHz
Coupling capacitance
f = 1 MHz
Ck
0.3
pF
Parameter
Test condition
Part
Symbol
Min
Typ.
Max
Unit
IC/IF
VCE = 5 V, IF = 1 mA
CNY75GA
CTR
15
%
CNY75GB
CTR
30
%
CNY75GC
CTR
60
%
VCE = 5 V, IF = 10 mA
CNY75GA
CTR
63
1.25
%
CNY75GB
CTR
100
200
%
CNY75GC
CTR
160
320
%
Parameter
Current
Delay
Rise time
Storage
Fall time
Turn-on
time
Turn-off
time
Turn-on
time
Turn-off
time
Test
condition
VCC = 5 V, RL = 100 Ω
(see figure 3)
VCC = 5 V, RL = 1.0 kΩ
(see figure 4)
Symbol
IF
tD
tr
tS
tf
ton
toff
ton
toff
Unit
mA
µs
µs
µs
µs
µs
µs
µs
µs
CNY75GA
10
2.0
2.5
0.3
2.7
4.5
3.0
10.0
25.0
CNY75GB
10
2.5
3.0
0.3
3.7
5.5
4.0
16.5
20.0
CNY75GC
10
2.8
4.2
0.3
4.7
7.0
5.0
11.0
37.5


Similar Part No. - CNY75GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY75GC VISHAY-CNY75GC Datasheet
161Kb / 11P
   Optocoupler, Phototransistor Output,with Base Connection
Rev. 1.7, 08-May-08
CNY75GC1 VISHAY-CNY75GC1 Datasheet
210Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results

Similar Description - CNY75GC

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com