Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

J107 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # J107
Description  N-Channel JFETs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

J107 Datasheet(HTML) 2 Page - Vishay Siliconix

  J107 Datasheet HTML 1Page - Vishay Siliconix J107 Datasheet HTML 2Page - Vishay Siliconix J107 Datasheet HTML 3Page - Vishay Siliconix J107 Datasheet HTML 4Page - Vishay Siliconix J107 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
J105/106/107
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70230
S-04028—Rev. D, 04-Jun-01
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
J105
J106
J107
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA , VDS = 0 V
–35
–25
–25
–25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 5 V, ID = 1 mA
–4.5
–10
–2
–6
–0.5
–4.5
V
Saturation Drain Currentb
IDSS
VDS = 15 V, VGS = 0 V
500
200
100
mA
VGS = –15 V, VDS = 0 V
–0.02
–3
–3
–3
Gate Reverse Current
IGSS
TA = 125_C
–10
Gate Operating Currentb
IG
VDG = 10 V, ID = 25 mA
–0.01
nA
VDS = 5 V, VGS = –10 V
0.01
3
3
3
Drain Cutoff Current
ID(off)
TA = 125_C
5
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
3
6
8
W
Gate-Source Forward Voltage
VGS(F)
IG = 1 mA , VDS = 0 V
0.7
V
Dynamic
Common-Source Forward
Transconductanceb
gfs
VDS = 10 V, ID = 25 mA
55
Common-Source
Output Conductanceb
gos
VDS = 10 V, ID = 25 mA
f = 1 kHz
5
mS
Drain-Source On-Resistance
rds(on)
VGS = 0 V, ID = 0 mA
f = 1 kHz
3
6
8
W
Common-Source
Input Capacitance
Ciss
VDS = 0 V, VGS = 0 V
f = 1 MHz
120
160
160
160
Common-Source Reverse Transfer
Capacitance
Crss
VDS = 0 V, VGS = –10 V
f = 1 MHz
20
35
35
35
pF
Equivalent Input
Noise Voltage
en
VDG = 10 V, ID = 25 mA
f = 1 kHz
3
nV
√Hz
Switching
td(on)
6
Turn-On Time
tr
VDD = 1.5 V, VGS(H) = 0 V
8
td(off)
VDD = 1.5 V, VGS(H) = 0 V
See Switching Diagram
5
ns
Turn-Off Time
tf
9
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NVA
b.
Pulse test: PW
v300 ms duty cycle v3%.


Similar Part No. - J107

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
J107 FAIRCHILD-J107 Datasheet
61Kb / 4P
   N-Channel Switch
J107 FAIRCHILD-J107 Datasheet
482Kb / 12P
   N-Channel Switch
logo
Intersil Corporation
J107 INTERSIL-J107 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Vishay Siliconix
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
logo
CIT Relay & Switch
J107E3 CIT-J107E3 Datasheet
96Kb / 3P
   Small size and light weight
More results

Similar Description - J107

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com