Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K815P Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K815P
Description  Optocoupler with Photodarlington Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K815P Datasheet(HTML) 6 Page - Vishay Siliconix

  K815P Datasheet HTML 1Page - Vishay Siliconix K815P Datasheet HTML 2Page - Vishay Siliconix K815P Datasheet HTML 3Page - Vishay Siliconix K815P Datasheet HTML 4Page - Vishay Siliconix K815P Datasheet HTML 5Page - Vishay Siliconix K815P Datasheet HTML 6Page - Vishay Siliconix K815P Datasheet HTML 7Page - Vishay Siliconix K815P Datasheet HTML 8Page - Vishay Siliconix K815P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
K815P/ K825P/ K845P
Vishay Telefunken
Rev. A3, 29–Jun–99
6 (9)
0.6
0.7
0.8
0.9
1.0
1.1
1
10
100
IC – Collector Current ( mA )
14395
CTR=200%
25%
50%
100%
Figure 9. Collector Emitter Saturation Voltage vs.
Collector Current
10
100
1000
10000
0.1
1.0
10.0
100.0
IF – Forward Current ( mA )
14396
VCE=2V
Figure 10. Current Transfer Ratio vs. Forward Current
K815P
820UTK63
Type
Date
Code
Coupling
System
Indicator
Company
Logo
Production
Location
15085
Pin 1 Indication
(YM)
Figure 11. Marking example


Similar Part No. - K815P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K815P VISHAY-K815P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
K815P VISHAY-K815P Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results

Similar Description - K815P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMD1000 VISHAY-TCMD1000 Datasheet
464Kb / 12P
   Optocoupler with Photodarlington Output
Rev. A2, 15-Dec-00
TCED1100 VISHAY-TCED1100 Datasheet
207Kb / 9P
   Optocoupler with Photodarlington Output
Rev. A3, 11-Jan-99
4N32 VISHAY-4N32 Datasheet
90Kb / 7P
   Optocoupler with Photodarlington Output
Rev. 1.4, 26-Jan-05
TCLD1000 VISHAY-TCLD1000 Datasheet
298Kb / 10P
   Optocoupler with Photodarlington Output
Rev. A3, 19-Mar-01
SFH612A VISHAY-SFH612A Datasheet
118Kb / 7P
   Optocoupler, Photodarlington Output
Rev. 1.4, 26-Oct-04
K845P VISHAY-K845P_V01 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2022
IL30 VISHAY-IL30_07 Datasheet
175Kb / 9P
   Optocoupler, Photodarlington Output
Rev. 1.6, 14-Dec-07
K851P VISHAY-K851P Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_12 Datasheet
129Kb / 6P
   Optocoupler, Photodarlington Output
Rev. 2.1, 24-Sep-12
K815P VISHAY-K815P_V02 Datasheet
126Kb / 6P
   Optocoupler, Photodarlington Output
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com