Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K3023PG Datasheet(PDF) 6 Page - Vishay Siliconix

Part # K3023PG
Description  Optocoupler with Phototriac Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

K3023PG Datasheet(HTML) 6 Page - Vishay Siliconix

  K3023PG Datasheet HTML 1Page - Vishay Siliconix K3023PG Datasheet HTML 2Page - Vishay Siliconix K3023PG Datasheet HTML 3Page - Vishay Siliconix K3023PG Datasheet HTML 4Page - Vishay Siliconix K3023PG Datasheet HTML 5Page - Vishay Siliconix K3023PG Datasheet HTML 6Page - Vishay Siliconix K3023PG Datasheet HTML 7Page - Vishay Siliconix K3023PG Datasheet HTML 8Page - Vishay Siliconix K3023PG Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
K3020P(G) Series
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
6 (9)
Document Number 83505
Rev. A5, 13–Sep–99
Typical Characteristics (Tamb = 25_C, unless otherwise specified)
0
100
200
300
400
0
2040
6080
100
Tamb – Ambient Temperature ( °C )
96 11701
Coupled device
Phototransistor
IR-diode
Figure 6. Total Power Dissipation vs.
Ambient Temperature
0.1
1.0
10.0
100.0
1000.0
0
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
VF – Forward Voltage ( V )
96 11862
Figure 7. Forward Current vs. Forward Voltage
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0
10 20 30 40 50 60 70 80
Tamb – Ambient Temperature ( °C )
96 11922
VS=3V
RL=150W
Figure 8. Relative Threshold Forward Current vs.
Ambient Temperature
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
–30 –20 –10 0
10 20 30 40 50 60 70 80
Tamb – Ambient Temperature ( °C )
96 11923
IFwIFT
IT=100mA
Figure 9. Relative On - State vs. Ambient Temperature
1
10
100
20
30
40
50
60
70
80
90
100
Tamb – Ambient Temperature ( °C )
96 11924
VDR=100V
IF=0
Figure 10. Off - State Current vs. Ambient Temperature
–250
–200
–150
–100
–50
0
50
100
150
200
250
–2.5 –2.0 –1.5 –1.0 –0.5 0.0 0.5 1.0 1.5 2.0 2.5
VTM – On–State Voltage ( V )
96 11926
IFT=30mA
Figure 11. On - State Current vs. Ambient Temperature


Similar Part No. - K3023PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3023PG VISHAY-K3023PG Datasheet
196Kb / 10P
   Optocoupler, Phototriac Output, 400 V VDRM
Rev. 1.9, 26-Oct-04
K3023PG VISHAY-K3023PG Datasheet
152Kb / 7P
   Optocoupler, Phototriac Output, Non-Zero Crossing, 400 VDRM
Rev. 2.4, 30-Aug-16
More results

Similar Description - K3023PG

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K3010P VISHAY-K3010P Datasheet
145Kb / 9P
   Optocoupler with Phototriac Output
Rev. A4, 13-Sep-99
VO3020 VISHAY-VO3020_18 Datasheet
219Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.3, 07-Mar-18
BRT11 VISHAY-BRT11_08 Datasheet
404Kb / 8P
   Optocoupler, Phototriac Output
Rev. 1.4, 11-Apr-05
BRT11 VISHAY-BRT11 Datasheet
354Kb / 7P
   Optocoupler, Phototriac Output
Rev. 1.4, 26-Apr-04
VO3062 VISHAY-VO3062_18 Datasheet
192Kb / 11P
   Optocoupler, Phototriac Output, Zero Crossing, 1.5 kV/µs dV/dt, 600 V
Rev. 2.2, 17-Apr-18
IL410 VISHAY-IL410_12 Datasheet
172Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 2.0, 29-Mar-11
VO4154 VISHAY-VO4154_12 Datasheet
135Kb / 7P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.6, 23-Feb-12
VO3020 VISHAY-VO3020 Datasheet
183Kb / 8P
   Optocoupler, Phototriac Output, 400 VDRM
Rev. 1.2, 09-Sep-13
BRT21 VISHAY-BRT21_08 Datasheet
147Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.5, 07-May-08
BRT21 VISHAY-BRT21 Datasheet
499Kb / 9P
   Optocoupler, Phototriac Output, Zero Crossing
Rev. 1.4, 10-Jan-05
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com