Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RS501 Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # RS501
Description  SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS501 Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  RS501 Datasheet HTML 1Page - HY ELECTRONIC CORP. RS501 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERTIC CURVES
RS501 thru RS507
~ 367 ~
FIG.1-DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
AMBIENT TEMPERATURE ℃
RESISTIVE
CAPACITIVE LOAD
LIMITING COOLING MEDIUM
TEMPERATURE TA AT NATURE
COOLING WITHOUT HEATSINK
0
5.0
50
100
150
4.0
3.0
2.0
1.0
0
FIG.2- DERATING CURVE FOR
OUTPUT RECTIFIED CURRENT
CASE TEMPERATURE ℃
0
5.0
50
100
150
4.0
3.0
2.0
1.0
6.0
0
RESISTIVE
LOAD
RESISTIVE LOAD
ms
sec
min
FIG.4-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
TIME
0.8
0.6
0.4
0.2
TA
=45
SINGLE SINE-WAVE
JEDEC METHOD
1
6
0
2
4
10
20
40
60
100
10 20 40 60 100200 4001 2 46 10 20 401 24 6 10 20 40 1h
8
2
0
4
6
8
10
12
14
16
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10
RESISTIVE LOAD
CAPACITIVE LOAD
FIG.5-MAXIMUM TOTAL BRIDGE POWER
DISSIPATION
AVERAGE FORWARD OUTPUT CURRENT,AMPERES
AMBIENT TEMPERATURE
FIG.6-MEAN AVERAGE FORWARD CURRENT
CASE TEMPERATURE
AVERAGE FORWARD CURRENT
2
4
6
8
10
12
14
16
0
2
4
6
8
20 40 60 80 100 120 140 160
120 125 130135
5
10
15
20
CAPACITIVE
LOAD
RESISTIVE
LOAD
THERMAL RESISTANCE,
CASE TO COOLINT
MEDIUM RUCA [/W]
0.2
0.1
10
20
40
100
4.0
6.0
0.4
0.6
1.0
2.0
FIG.3-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC PER BRIDGE ELEMENT
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
25
150
TYPICAL CHARACTERISTIC
LIMITING CHARACTERISTIC


Similar Part No. - RS501

ManufacturerPart #DatasheetDescription
logo
Dc Components
RS501 DCCOM-RS501 Datasheet
239Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
RS501 GOOD-ARK-RS501 Datasheet
240Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Chongqing Pingwei Enter...
RS501 CHONGQING-RS501 Datasheet
47Kb / 1P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
SeCoS Halbleitertechnol...
RS501 SECOS-RS501 Datasheet
363Kb / 2P
   Silicon BridgeRectifiers
logo
Formosa MS
RS501 FORMOSA-RS501 Datasheet
82Kb / 6P
   Bridge Rectifier
More results

Similar Description - RS501

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
KBL400 EIC-KBL400 Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR1500 EIC-BR1500 Datasheet
42Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR2500 EIC-BR2500 Datasheet
20Kb / 2P
   SILICON BRIDGE RECTIFIERS
BR3500W EIC-BR3500W Datasheet
19Kb / 2P
   SILICON BRIDGE RECTIFIERS
logo
Comchip Technology
KBU600 COMCHIP-KBU600 Datasheet
138Kb / 3P
   Silicon Bridge Rectifiers
logo
Diotec Semiconductor
KBU6A DIOTEC-KBU6A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
KBU4A DIOTEC-KBU4A_07 Datasheet
110Kb / 2P
   Silicon-Bridge-Rectifiers
GBS4A DIOTEC-GBS4A_07 Datasheet
106Kb / 2P
   Silicon-Bridge-Rectifiers
GBU8A DIOTEC-GBU8A_07 Datasheet
112Kb / 2P
   Silicon-Bridge-Rectifiers
logo
Pan Jit International I...
KBP200 PANJIT-KBP200 Datasheet
79Kb / 2P
   SILICON BRIDGE RECTIFIERS
PB1000 PANJIT-PB1000 Datasheet
66Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com