Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA1000-FLGGB Datasheet(PDF) 10 Page - Actel Corporation

Part # APA1000-FLGGB
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA1000-FLGGB Datasheet(HTML) 10 Page - Actel Corporation

Back Button APA1000-FLGGB Datasheet HTML 6Page - Actel Corporation APA1000-FLGGB Datasheet HTML 7Page - Actel Corporation APA1000-FLGGB Datasheet HTML 8Page - Actel Corporation APA1000-FLGGB Datasheet HTML 9Page - Actel Corporation APA1000-FLGGB Datasheet HTML 10Page - Actel Corporation APA1000-FLGGB Datasheet HTML 11Page - Actel Corporation APA1000-FLGGB Datasheet HTML 12Page - Actel Corporation APA1000-FLGGB Datasheet HTML 13Page - Actel Corporation APA1000-FLGGB Datasheet HTML 14Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 174 page
background image
ProASICPLUS Flash Family FPGAs
1- 4
v5.7
Routing Resources
The routing structure of ProASICPLUS devices is designed
to provide high performance through a flexible four-
level hierarchy of routing resources: ultra-fast local
resources, efficient long-line resources, high-speed, very
long-line
resources,
and
high
performance
global
networks.
The ultra-fast local resources are dedicated lines that
allow the output of each tile to connect directly to every
input of the eight surrounding tiles (Figure 1-4).
The efficient long-line resources provide routing for
longer distances and higher fanout connections. These
resources vary in length (spanning 1, 2, or 4 tiles), run
both vertically and horizontally, and cover the entire
ProASICPLUS device (Figure 1-5 on page 1-5). Each tile can
drive signals onto the efficient long-line resources, which
can in turn access every input of every tile. Active buffers
are inserted automatically by routing software to limit
the loading effects due to distance and fanout.
The high-speed, very long-line resources, which span the
entire device with minimal delay, are used to route very
long or very high fanout nets. (Figure 1-6 on page 1-6).
The high-performance global networks are low-skew,
high fanout nets that are accessible from external pins or
from internal logic (Figure 1-7 on page 1-7). These nets
are typically used to distribute clocks, resets, and other
high fanout nets requiring a minimum skew. The global
networks are implemented as clock trees, and signals can
be introduced at any junction. These can be employed
hierarchically with signals accessing every input on all
tiles.
Figure 1-4 • Ultra-Fast Local Resources
L
L
L
L
L
L
Inputs
Ultra-Fast
Local Lines
(connects a tile to the
adjacent tile, I/O buffer,
or memory block)
L
LL


Similar Part No. - APA1000-FLGGB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
More results

Similar Description - APA1000-FLGGB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com