Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APA1000-FPQB Datasheet(PDF) 1 Page - Actel Corporation

Part # APA1000-FPQB
Description  ProASIC Flash Family FPGAs
Download  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTEL [Actel Corporation]
Direct Link  http://www.actel.com
Logo ACTEL - Actel Corporation

APA1000-FPQB Datasheet(HTML) 1 Page - Actel Corporation

  APA1000-FPQB Datasheet HTML 1Page - Actel Corporation APA1000-FPQB Datasheet HTML 2Page - Actel Corporation APA1000-FPQB Datasheet HTML 3Page - Actel Corporation APA1000-FPQB Datasheet HTML 4Page - Actel Corporation APA1000-FPQB Datasheet HTML 5Page - Actel Corporation APA1000-FPQB Datasheet HTML 6Page - Actel Corporation APA1000-FPQB Datasheet HTML 7Page - Actel Corporation APA1000-FPQB Datasheet HTML 8Page - Actel Corporation APA1000-FPQB Datasheet HTML 9Page - Actel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
Sep tem b er 2008
i
© 2008 Actel Corporation
See the Actel website for the latest version of the datasheet.
v5.7
ProASICPLUS® Flash Family FPGAs
Features and Benefits
High Capacity
Commercial and Industrial
75,000 to 1 Million System Gates
27 k to 198 kbits of Two-Port SRAM
66 to 712 User I/Os
Military
300, 000 to 1 million System Gates
72 k to 198 kbits of Two Port SRAM
158 to 712 User I/Os
Reprogrammable Flash Technology
0.22 µm 4 LM Flash-Based CMOS Process
Live At Power-Up (LAPU) Level 0 Support
Single-Chip Solution
No Configuration Device Required
Retains Programmed Design during Power-Down/Up Cycles
Mil/Aero Devices Operate over Full Military Temperature
Range
Performance
3.3 V, 32-Bit PCI, up to 50 MHz (33 MHz over military
temperature)
Two Integrated PLLs
External System Performance up to 150 MHz
Secure Programming
The Industry’s Most Effective Security Key (FlashLock®)
Low Power
Low Impedance Flash Switches
Segmented Hierarchical Routing Structure
Small, Efficient, Configurable (Combinatorial or Sequential)
Logic Cells
High Performance Routing Hierarchy
Ultra-Fast Local and Long-Line Network
High-Speed Very Long-Line Network
High-Performance, Low Skew, Splittable Global Network
100% Routability and Utilization
I/O
Schmitt-Trigger Option on Every Input
2.5 V/3.3 V Support with Individually-Selectable Voltage and
Slew Rate
Bidirectional Global I/Os
Compliance with PCI Specification Revision 2.2
Boundary-Scan Test IEEE Std. 1149.1 (JTAG) Compliant
Pin Compatible Packages across the ProASICPLUS Family
Unique Clock Conditioning Circuitry
PLL
with
Flexible
Phase,
Multiply/Divide
and
Delay
Capabilities
Internal and/or External Dynamic PLL Configuration
Two LVPECL Differential Pairs for Clock or Data Inputs
Standard FPGA and ASIC Design Flow
Flexibility with Choice of Industry-Standard Front-End Tools
Efficient Design through Front-End Timing and Gate Optimization
ISP Support
In-System Programming (ISP) via JTAG Port
SRAMs and FIFOs
SmartGen Netlist Generation Ensures Optimal Usage of
Embedded Memory Blocks
24 SRAM and FIFO Configurations with Synchronous and
Asynchronous Operation up to 150 MHz (typical)
®
Table 1 • ProASICPLUS Product Profile
Device
APA075
APA150
APA3001
APA450
APA6001
APA750
APA10001
Maximum System Gates
75,000
150,000
300,000
450,000
600,000
750,000
1,000,000
Tiles (Registers)
3,072
6,144
8,192
12,288
21,504
32,768
56,320
Embedded RAM Bits (k=1,024 bits)
27 k
36k
72 k
108 k
126 k
144 k
198 k
Embedded RAM Blocks (256x9)
12
16
32
48
56
64
88
LVPECL
222
2
2
2
2
PLL
222
2
2
2
2
Global Networks
4
4
4
4
4
4
4
Maximum Clocks
24
32
32
48
56
64
88
Maximum User I/Os
158
242
290
344
454
562
712
JTAG ISP
Yes
Yes
Yes
Yes
Yes
Yes
Yes
PCI
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Package (by pin count)
TQFP
100, 144
100
PQFP
208
208
208
208
208
208
208
PBGA
456
456
456
456
456
456
FBGA
144
144, 256
144, 256
144, 256, 484
256, 484, 676
676, 896
896, 1152
CQFP2
208, 352
208, 352
208, 352
CCGA/LGA2
624
624
Notes:
1. Available as Commercial/Industrial and Military/MIL-STD-883B devices.
2. These packages are available only for Military/MIL-STD-883B devices.
v5.7


Similar Part No. - APA1000-FPQB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
More results

Similar Description - APA1000-FPQB

ManufacturerPart #DatasheetDescription
logo
Actel Corporation
APA300-PQ208A ACTEL-APA300-PQ208A Datasheet
352Kb / 10P
   ProASIC Flash Family FPGAs
APA075-PQG208 ACTEL-APA075-PQG208 Datasheet
4Mb / 178P
   ProASIC Flash Family FPGAs
APA1000-FG896A ACTEL-APA1000-FG896A Datasheet
85Kb / 10P
   Automotive-Grade ProASIC Flash Family FPGAs
logo
Microsemi Corporation
APA300-PQG208M MICROSEMI-APA300-PQG208M Datasheet
1Mb / 174P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
A3P1000-1FGG144I ACTEL-A3P1000-1FGG144I Datasheet
5Mb / 206P
   ProASIC3 Flash Family FPGAs
logo
Microsemi Corporation
A3P250-1PQ208 MICROSEMI-A3P250-1PQ208 Datasheet
10Mb / 220P
   ProASIC3 Flash Family FPGAs
APA600-PQ208I MICROSEMI-APA600-PQ208I Datasheet
4Mb / 178P
   ProASICPLUS Flash Family FPGAs
logo
Actel Corporation
APA150-FG144I ACTEL-APA150-FG144I Datasheet
4Mb / 178P
   ProASICPLUS짰 Flash Family FPGAs
A3PE3000-1FGG896I ACTEL-A3PE3000-1FGG896I Datasheet
4Mb / 152P
   ProASIC3E Flash Family FPGAs
APA1000-BG456I ACTEL-APA1000-BG456I Datasheet
352Kb / 10P
   ProASICPLUS Flash Family FPGAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com