Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SQ1035 Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SQ1035
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SQ1035 Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SQ1035 Datasheet HTML 1Page - HY ELECTRONIC CORP. SQ1035 Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Guard ring for transient protection
Low power loss,high efficiency
High current capability,low VF
High surge capacity
MECHANICAL DATA
Case: JEDEC DO-27 molded plastic
Polarity: Color band denotes cathode
Weight: 0.04ounces , 1.1grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL SQ1030 SQ1035 SQ1040 SQ1045 SQ1050 SQ1060 SQ1080 SQ10100 UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
80
100
V
Maximum RMS Voltage
VRMS
21
24.5
28
31.5
35
42
56
70
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
60
80
100
V
Maximum Average Forward
Rectified Current
@Tc=95 ℃
I(AV)
A
Peak Forward Surge Current 8.3ms single half sine-
wave super imposed on rated load(JEDEC Method)
IFSM
A
Peak Forward Voltage at 10A DC(Note1)
VF
V
Maximum DC Reverse Current @Tj=25℃
at Rated DC Bolcking Voltage @Tj=100℃
Tyical Junction Capacitance (Note2)
CJ
pF
Tyical Thermal Resistance (Note3)
RθJC
/w
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
~ 212 ~
450
3.Thermal Resistance Junction to case.
50
3.0
2.Measured at 1.0 MHZ and applied reverse voltage of 4.0VDC.
-55 to+200
NOTES:1.300us Pulse Width, 2%Duty Cycle.
-55 to+200
SCHOTTKY BARRIER RECTIFIERS
mA
0.5
IR
For use in low voltage,high frequency inverters,free
wheeling,and polarity protection applications
0.55
SQ1030 thru SQ10100
0.7
0.8
10
275
Dimensions in inches and (millimeters)
Metal of silicon rectifier , majority carrier conduction
REVERSE VOLTAGE - 30 to 100Volts
FORWARD CURRENT - 10.0 Amperes
DIA.
DIA.
DO- 27
210
.375(9.5)
.335(8.5)
.052(1.3)
.048(1.2)
.220(5.6)
.197(5.0)
1.0(25.4)
1.0(25.4)
MIN.
MIN.
TC measurement point


Similar Part No. - SQ1035

ManufacturerPart #DatasheetDescription
logo
Dc Components
SQ1030 DCCOM-SQ1030 Datasheet
41Kb / 2P
   TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE - 30 to 100 Volts
More results

Similar Description - SQ1035

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com