Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-6 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1164-6
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6 Datasheet(HTML) 4 Page - Linear Technology

  LTC1164-6 Datasheet HTML 1Page - Linear Technology LTC1164-6 Datasheet HTML 2Page - Linear Technology LTC1164-6 Datasheet HTML 3Page - Linear Technology LTC1164-6 Datasheet HTML 4Page - Linear Technology LTC1164-6 Datasheet HTML 5Page - Linear Technology LTC1164-6 Datasheet HTML 6Page - Linear Technology LTC1164-6 Datasheet HTML 7Page - Linear Technology LTC1164-6 Datasheet HTML 8Page - Linear Technology LTC1164-6 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
LTC1164-6
11646fa
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Passband Gain vs Frequency
FREQUENCY (kHz)
0.4
1.0
1.6
2.2
2.8
1164-6 G05
3.4
0.8
0.4
0
–0.4
–0.8
–1.2
–1.6
–2.0
–2.4
–2.8
4.0
VS = ±5V
fCLK = 500kHz
fC = 5kHz
(fCLK/fC) = 100:1
(PIN 10 AT V)
TA = 25°C
(10 REPRESENTA-
TIVE UNITS)
Maximum Passband over
Temperature
FREQUENCY (kHz)
1
5
1164-6 G11
3
4
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
2
VS = ±5V
fCLK = 800kHz
fC = 5kHz
(fCLK/fC) = 160:1
(PIN 10 AT GND)
TA = 25°C
0
–30
–60
–90
–120
–150
–180
–210
–240
–270
–300
PHASE
GAIN
Passband Gain and Phase vs
Frequency (Linear Phase Response)
Passband Gain and Phase vs
Frequency and fCLK
FREQUENCY (kHz)
3
2
1
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
12
1164-6 G08
34
5
0
–45
–90
–135
–180
–225
–270
–315
–360
–405
–450
–495
–540
PHASE
B
B
A
A
VS = ±5V
fCLK = 250kHz
fC = 5kHz
(fCLK/fC) = 50:1
(PIN 10 AT V)
TA = 25°C
A. RESPONSE WITHOUT
EXTERNAL SINGLE
POLE RC FILTER
B. RESPONSE WITH AN
EXTERNAL SINGLE
POLE LOWPASS RC
FILTER (f– 3dB AT 10kHz)
Passband vs Frequency and fCLK
INPUT FREQUENCY (kHz)
1
5
1164-6 G06
2.0
1.5
1.0
0.5
0
– 0.5
–1.0
–1.5
–2.0
–2.5
– 3.0
10
A
B
CD
VS = ±5V
(fCLK/fC) = 100:1
(PIN 10 AT V)
TA = 25°C
A. fCLK = 400kHz
fCUTOFF = 4kHz
B. fCLK = 600kHz
fCUTOFF = 6kHz
C. fCLK = 800kHz
fCUTOFF = 8kHz
D. fCLK = 1MHz
fCUTOFF = 10kHz
Stopband Gain vs Frequency
(Linear Phase Response)
FREQUENCY (kHz)
2
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
34
1164-6 G03
10
18
26
42
6
14
22
30
38
VS = ±5V
fCLK = 800kHz
fC = 5kHz
(fCLK/fC) = 160:1
(PIN 10 AT GND)
TA = 25°C
A. RESPONSE WITHOUT
EXTERNAL RC FILTER
B. RESPONSE WITH AN
EXTERNAL SINGLE
POLE LOWPASS RC
FILTER (f– 3dB AT 10kHz)
A
B
Passband Gain and Phase
vs Frequency
FREQUENCY (kHz)
1
5
1164-6 G04
3
4
2.0
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
2
VS = ±5V
fCLK = 500kHz
fC = 5kHz
(fCLK/fC) = 100:1
(PIN 10 AT V)
TA = 25°C
0
–45
–90
–135
–180
–225
–270
–315
–360
–405
–450
FREQUENCY (kHz)
1
5
1164-6 G07
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–1.6
10
A
B
VS = ±5V
fCLK = 1MHz
fC = 10kHz
(fCLK/fC) = 100:1
(PIN 10 AT V)
A. TA = 125°C
B. TA = 85°C
D. TA = –40°C
C


Similar Part No. - LTC1164-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6C LINER-LTC1164-6C Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CJ LINER-LTC1164-6CJ Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6CN LINER-LTC1164-6CN Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com