Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-6MJ Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1164-6MJ
Description  Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-6MJ Datasheet(HTML) 3 Page - Linear Technology

  LTC1164-6MJ Datasheet HTML 1Page - Linear Technology LTC1164-6MJ Datasheet HTML 2Page - Linear Technology LTC1164-6MJ Datasheet HTML 3Page - Linear Technology LTC1164-6MJ Datasheet HTML 4Page - Linear Technology LTC1164-6MJ Datasheet HTML 5Page - Linear Technology LTC1164-6MJ Datasheet HTML 6Page - Linear Technology LTC1164-6MJ Datasheet HTML 7Page - Linear Technology LTC1164-6MJ Datasheet HTML 8Page - Linear Technology LTC1164-6MJ Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LTC1164-6
11646fa
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum fCLK (Table 3)
VS ≥ ±7.5V
1.5
MHz
VS ≤ ±5V
1.0
MHz
VS = Single 5V, AGND = 2V
1.0
MHz
Clock Feedthrough
Input at GND, f = fCLK, Square Wave
VS = ±7.5V, (fCLK/fC) = 100:1
500
µVRMS
VS = ±5V, (fCLK/fC) = 50:1
200
µVRMS
Wideband Noise
Input at GND, 1Hz
≤ f < fCLK
VS = ±7.5V
115
± 5%
µVRMS
VS = ±2.5V
100
± 5%
µVRMS
Input Impedance
45
75
110
k
Output DC Voltage Swing
VS = ±2.375V
±1.25
±1.50
V
VS = ±5V
±3.70
±4.10
V
VS = ±7.5V
±5.40
±5.90
V
Output DC Offset
VS = ±5V, (fCLK/fC) = 100:1
±100
±160
mV
Output DC Offset Tempco
VS = ±5V, (fCLK/fC) = 100:1
±100
µV/°C
Power Supply Current
VS = ±2.375V, TA > 25°C
2.5
4.0
mA
4.5
mA
VS = ±5V, TA > 25°C
4.5
7.0
mA
8.0
mA
VS = ±7.5V, TA > 25°C
7.0
11.0
mA
12.5
mA
Power Supply Range
±2.375
±8V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Connecting any pin to voltages greater than V
+ or less than V
may cause latch-up. It is recommended that no sources operating from
external supplies be applied prior to power-up of the LTC1164-6.
Note 3: All gains are measured relative to passband gain.
Note 4: The cutoff frequency of the filter is abbreviated as fCUTOFF or fC.
Stopband Gain vs Frequency
(Elliptic Response)
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Stopband Gain vs Frequency
(Elliptic Response)
FREQUENCY (kHz)
2
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
18
1164-6 G02
6
10
14
22
4
8
12
16
20
VS = ±5V
fCLK = 250kHz
(fCLK/fC) = 50:1
(PIN 10 AT V+)
TA = 25°C
WITH EXTERNAL
SINGLE POLE LOW-
PASS RC FILTER
(f– 3dB = 10kHz)
FREQUENCY (kHz)
10
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
1164-6 G01
218
6
10
14
22
4
8
12
16
20
VS = ±5V
fCLK = 500kHz
fC = 5kHz
(fCLK/fC) = 100:1
(PIN 10 AT V )
TA = 25°C
ELECTRICAL C
C
HARA TERISTICS The denotes specifications that apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VS = ±7.5V, RL = 10k, TA = 25°C, fCLK = 400kHz, TTL or CMOS level (maximum clock
rise or fall time
≤ 1µs) and all gain measurements are referenced to passband gain, unless otherwise specified. (fCLK/fCUTOFF) = 4kHz
at 100:1 and 8kHz at 50:1.


Similar Part No. - LTC1164-6MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6MJ LINER-LTC1164-6MJ Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
More results

Similar Description - LTC1164-6MJ

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-5 LINER-LTC1164-5_15 Datasheet
230Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1069-1 LINER-LTC1069-1_15 Datasheet
147Kb / 10P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1069-1 LINER-LTC1069-1 Datasheet
240Kb / 8P
   Low Power, 8th Order Progressive Elliptic, Lowpass Filter
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7_1 Datasheet
262Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com