Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1164-7CN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1164-7CN
Description  Low Power, Linear Phase 8th Order Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-7CN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1164-7CN Datasheet HTML 4Page - Linear Technology LTC1164-7CN Datasheet HTML 5Page - Linear Technology LTC1164-7CN Datasheet HTML 6Page - Linear Technology LTC1164-7CN Datasheet HTML 7Page - Linear Technology LTC1164-7CN Datasheet HTML 8Page - Linear Technology LTC1164-7CN Datasheet HTML 9Page - Linear Technology LTC1164-7CN Datasheet HTML 10Page - Linear Technology LTC1164-7CN Datasheet HTML 11Page - Linear Technology LTC1164-7CN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC1164-7
11647fb
Table 5. Passband Gain and Phase
VS = Single 5V, Ratio = 50:1, TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 250kHz (Typical Unit)
0.000
– 0.085
180.00
1.250
– 0.085
71.54
2.500
– 0.252
– 37.15
3.750
– 1.056
– 146.12
5.000
– 3.562
– 255.22
fCLK = 500kHz (Typical Unit)
0.000
– 0.101
180.00
2.500
– 0.101
71.39
5.000
– 0.251
– 37.38
7.500
– 0.947
–146.44
10.000
– 3.252
– 256.02
fCLK = 750kHz (Typical Unit)
0.000
– 0.133
180.00
3.750
– 0.133
71.16
7.500
– 0.291
– 37.56
11.250
– 0.826
– 146.55
15.000
– 2.789
– 256.52
fCLK = 1MHz (Typical Unit)
0.000
– 0.162
180.00
5.000
– 0.162
70.89
10.000
– 0.307
– 37.78
15.000
– 0.647
– 146.67
20.000
– 2.201
– 257.06
CC
HARA TERISTICS
A
TYPICALPERFOR
CE
Table 6. Passband Gain and Phase
VS = Single 5V, Ratio = 100:1, TA = 25°C
FREQUENCY (kHz)
GAIN (dB)
PHASE (DEG)
fCLK = 250kHz (Typical Unit)
0.000
– 0.283
180.00
0.625
– 0.283
71.35
1.250
– 0.799
– 37.01
1.875
– 2.143
– 143.96
2.500
– 5.271
– 248.03
fCLK = 500kHz (Typical Unit)
0.000
– 0.252
180.00
1.250
– 0.252
71.28
2.500
– 0.676
– 37.16
3.750
– 1.917
– 144.46
5.000
– 4.936
– 249.40
fCLK = 750kHz (Typical Unit)
0.000
– 0.231
180.00
1.875
– 0.231
70.94
3.750
– 0.603
– 37.72
5.625
– 1.704
– 145.55
7.500
– 4.535
– 251.81
fCLK = 1MHz (Typical Unit)
0.000
– 0.212
180.00
2.500
– 0.212
70.83
5.000
– 0.532
– 38.11
7.500
– 1.497
– 146.47
10.000
– 4.115
– 253.92


Similar Part No. - LTC1164-7CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7CN LINER-LTC1164-7CN Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
More results

Similar Description - LTC1164-7CN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-7 LINER-LTC1164-7_15 Datasheet
267Kb / 16P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1164-7 LINER-LTC1164-7 Datasheet
300Kb / 12P
   Low Power, Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7 Datasheet
298Kb / 12P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7 Datasheet
226Kb / 8P
   Linear Phase 8th Order Lowpass Filter
LT10647FB LINER-LT10647FB_15 Datasheet
223Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1069-7 LINER-LTC1069-7_15 Datasheet
169Kb / 10P
   Linear Phase 8th Order Lowpass Filter
LTC1064-7 LINER-LTC1064-7_09 Datasheet
217Kb / 16P
   Linear Phase, 8th Order Lowpass Filter
LTC1064-3 LINER-LTC1064-3_09 Datasheet
150Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Dimensions Semic...
LTC1064-3CSW-TR LINEAR_DIMENSIONS-LTC1064-3CSW-TR Datasheet
155Kb / 12P
   Low Noise, High Frequency, 8th Order Linear Phase Lowpass Filter
logo
Linear Technology
LTC1064-3 LINER-LTC1064-3 Datasheet
598Kb / 8P
   Low Noise, High frequency,8th Order Linear Phase Lowpass Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com