Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TBU3501G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # TBU3501G
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

TBU3501G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  TBU3501G Datasheet HTML 1Page - HY ELECTRONIC CORP. TBU3501G Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
Surge overload rating -300 amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing
molded plastic technique
Plastic material has U/L
flammability classification 94V-0
Mounting postition:Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
TBU
TBU
TBU
TBU
TBU
TBU
TBU
35005G
3501G
3502G
3504G
3506G
3508G
3510G
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward (with heatsink Note 1)
Rectified Current
@ TC=100℃ (without heatsink)
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 17.5A DC
VF
V
Maximum DC Reverse Current
@ TJ=25℃
at Rated DC Blocking Voltage
@ TJ=125℃
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
NOTES: 1.Device mounted on 100mm*100mm*1.6mm Cu plate heatsink.
~ 454 ~
TBU35005G thru TBU3510G
A
IR
1.1
I(AV)
-55 to +150
10
μA
A
300
35.0
4.2
-55 to +150
IFSM
500
Rating at 25℃ ambient temperature unless otherwise specified.
SYMBOL
REVERSE VOLTAGE - 50 to 1000Volts
FORWARD CURRENT - 35.0 Amperes
GLASS PASSIVATED
BRIDGE RECTIFIERS
Dimensions in inches and (milimeters)
UNIT
CHARACTERISTICS
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
TBU
.935(23.7)
.895(22.7)
.709(18.0)
.748(19.0)
300
(7.5)
.780(19.8)
.740(18.8)
(25.4)
1.00
MIN.
.052(1.3)DIA.
.048(1.2)TYP.
.220(5.6)
.180(4.6)
.205(5.2)
.244(6.2)
.15? X23L
(3.8? X5.7L)
HOLE THRU
.087(2.2)
.071(1.8)
.177(4.5)*45°


Similar Part No. - TBU3501G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
TBU-CA BOURNS-TBU-CA Datasheet
486Kb / 6P
   High-Speed Protectors
logo
Texas Instruments
TBU-CA-065-200- TI1-TBU-CA-065-200- Datasheet
434Kb / 22P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver for E-Meters
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
438Kb / 21P
[Old version datasheet]   Bus-Polarity Correcting RS-485 Transceiver With IEC-ESD Protection
TBU-CA-065-200-WH TI1-TBU-CA-065-200-WH Datasheet
1Mb / 32P
[Old version datasheet]   3.3-V Supply RS-485 With IEC ESD Protection
logo
Bourns Electronic Solut...
TBU-CA-Q BOURNS-TBU-CA-Q Datasheet
942Kb / 7P
   TBU® High-Speed Protectors
Mar 31, 2015
More results

Similar Description - TBU3501G

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBL4005G-G COMCHIP-KBL4005G-G Datasheet
83Kb / 3P
   Glass Passivated Bridge Rectifiers
SC35VB80S-G COMCHIP-SC35VB80S-G Datasheet
106Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
UR3KB60 TSC-UR3KB60_13 Datasheet
200Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
KBP2005G-G COMCHIP-KBP2005G-G Datasheet
73Kb / 3P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
DBL101G TSC-DBL101G_15 Datasheet
196Kb / 4P
   Glass Passivated Bridge Rectifiers
TS10K40 TSC-TS10K40_14 Datasheet
210Kb / 4P
   Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com