Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ11CA Datasheet(PDF) 3 Page - HY ELECTRONIC CORP.

Part # SMAJ11CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMAJ11CA Datasheet(HTML) 3 Page - HY ELECTRONIC CORP.

  SMAJ11CA Datasheet HTML 1Page - HY ELECTRONIC CORP. SMAJ11CA Datasheet HTML 2Page - HY ELECTRONIC CORP. SMAJ11CA Datasheet HTML 3Page - HY ELECTRONIC CORP. SMAJ11CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMAJ5.0
SMAJ5.0C
HD
TD
5.0
6.40
7.30
10
9.6
41.6
800/1600
SMAJ5.0A
SMAJ5.0CA
HE
TE
5.0
6.40
7.00
10
9.2
43.5
800/1600
SMAJ6.0
SMAJ6.0C
HF
TF
6.0
6.67
8.15
10
11.4
35.1
800/1600
SMAJ6.0A
SMAJ6.0CA
HG
TG
6.0
6.67
7.37
10
10.3
38.8
800/1600
SMAJ6.5
SMAJ6.5C
HH
TH
6.5
7.22
8.82
10
12.3
32.5
500/1000
SMAJ6.5A
SMAJ6.5CA
HK
TK
6.5
7.22
7.98
10
11.2
35.7
500/1000
SMAJ7.0
SMAJ7.0C
HL
TL
7.0
7.78
9.51
10
13.3
30.1
200/400
SMAJ7.0A
SMAJ7.0CA
HM
TM
7.0
7.78
8.60
10
12.0
33.3
200/400
SMAJ7.5
SMAJ7.5C
HN
TN
7.5
8.33
10.30
1.0
14.3
28.0
100/200
SMAJ7.5A
SMAJ7.5CA
HP
TP
7.5
8.33
9.21
1.0
12.9
31.0
100/200
SMAJ8.0
SMAJ8.0C
HQ
TQ
8.0
8.89
10.90
1.0
15.0
26.5
50/100
SMAJ8.0A
SMAJ8.0CA
HR
TR
8.0
8.89
9.83
1.0
13.6
29.4
50/100
SMAJ8.5
SMAJ8.5C
HS
TS
8.5
9.44
11.50
1.0
15.9
25.1
10/20
SMAJ8.5A
SMAJ8.5CA
HT
TT
8.5
9.44
10.40
1.0
14.4
27.7
10/20
SMAJ9.0
SMAJ9.0C
HU
TU
9.0
10.00
12.20
1.0
16.9
23.6
5/10
SMAJ9.0A
SMAJ9.0CA
HV
TV
9.0
10.00
11.10
1.0
15.4
26.0
5/10
SMAJ10
SMAJ10C
HW
TW
10.0
11.10
13.60
1.0
18.8
21.2
5/10
SMAJ10A
SMAJ10CA
HX
TX
10.0
11.10
12.30
1.0
17.0
23.5
5/10
SMAJ11
SMAJ11C
HY
TY
11.0
12.20
14.90
1.0
20.1
20.0
5.0
SMAJ11A
SMAJ11CA
HZ
TZ
11.0
12.20
13.50
1.0
18.2
22.0
5.0
SMAJ12
SMAJ12C
ID
UD
12.0
13.30
16.30
1.0
22.0
18.1
5.0
SMAJ12A
SMAJ12CA
IE
UE
12.0
13.30
14.70
1.0
19.9
20.1
5.0
SMAJ13
SMAJ13C
IF
UF
13.0
14.40
17.60
1.0
23.8
16.8
5.0
SMAJ13A
SMAJ13CA
IG
UG
13.0
14.40
15.90
1.0
21.5
18.6
5.0
SMAJ14
SMAJ14C
IH
UH
14.0
15.60
19.10
1.0
25.8
15.5
5.0
SMAJ14A
SMAJ14CA
IK
UK
14.0
15.60
17.20
1.0
23.2
17.2
5.0
SMAJ15
SMAJ15C
IL
UL
15.0
16.70
20.40
1.0
26.9
14.8
5.0
SMAJ15A
SMAJ15CA
IM
UM
15.0
16.70
18.50
1.0
24.4
16.4
5.0
SMAJ16
SMAJ16C
IN
UN
16.0
17.80
21.80
1.0
28.8
13.8
5.0
SMAJ16A
SMAJ16CA
IP
UP
16.0
17.80
19.70
1.0
26.0
15.3
5.0
SMAJ17
SMAJ17C
IQ
UQ
17.0
18.90
23.10
1.0
30.5
13.1
5.0
SMAJ17A
SMAJ17CA
IR
UR
17.0
18.90
20.90
1.0
27.6
14.5
5.0
SMAJ18
SMAJ18C
IS
US
18.0
20.00
24.40
1.0
32.2
12.4
5.0
SMAJ18A
SMAJ18CA
IT
UT
18.0
20.00
22.10
1.0
29.2
13.7
5.0
SMAJ20
SMAJ20C
IU
UU
20.0
22.20
27.10
1.0
35.8
11.1
5.0
SMAJ20A
SMAJ20CA
IV
UV
20.0
22.20
24.50
1.0
32.4
12.3
5.0
SMAJ22
SMAJ22C
IW
UW
22.0
24.40
29.80
1.0
39.4
10.1
5.0
SMAJ22A
SMAJ22CA
IX
UX
22.0
24.40
26.90
1.0
35.5
11.2
5.0
SMAJ24
SMAJ24C
IY
UY
24.0
26.70
32.60
1.0
43.0
9.3
5.0
SMAJ24A
SMAJ24CA
IZ
UZ
24.0
26.70
29.50
1.0
38.9
10.3
5.0
SMAJ26
SMAJ26C
JD
VD
26.0
28.90
35.30
1.0
46.6
8.6
5.0
SMAJ26A
SMAJ26CA
JE
VE
26.0
28.90
31.90
1.0
42.1
9.5
5.0
SMAJ28
SMAJ28C
JF
VF
28.0
31.10
38.00
1.0
50.0
8.0
5.0
SMAJ28A
SMAJ28CA
JG
VG
28.0
31.10
34.40
1.0
45.4
8.8
5.0
SMAJ30
SMAJ30C
JH
VH
30.0
33.30
40.70
1.0
53.5
7.5
5.0
SMAJ30A
SMAJ30CA
JK
VK
30.0
33.30
36.80
1.0
48.4
8.3
5.0
SMAJ33
SMAJ33C
JL
VL
33.0
36.70
44.90
1.0
59.0
6.8
5.0
SMAJ33A
SMAJ33CA
JM
VM
33.0
36.70
40.60
1.0
53.3
7.5
5.0
~ 282 ~
SMAJ SERIES
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional


Similar Part No. - SMAJ11CA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMAJ11CA DIODES-SMAJ11CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Bytes
SMAJ11CA BYTES-SMAJ11CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Alpha & Omega Semicondu...
SMAJ11CA AOSMD-SMAJ11CA Datasheet
713Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev.1.2 July 2021
logo
SeCoS Halbleitertechnol...
SMAJ11CA SECOS-SMAJ11CA Datasheet
554Kb / 4P
   Peak Power Surface Mount TVS
logo
PACELEADER INDUSTRIAL
SMAJ11CA PACELEADER-SMAJ11CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SMAJ11CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com