Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1232CN8 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1232CN8
Description  Microprocessor Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1232CN8 Datasheet(HTML) 3 Page - Linear Technology

  LTC1232CN8 Datasheet HTML 1Page - Linear Technology LTC1232CN8 Datasheet HTML 2Page - Linear Technology LTC1232CN8 Datasheet HTML 3Page - Linear Technology LTC1232CN8 Datasheet HTML 4Page - Linear Technology LTC1232CN8 Datasheet HTML 5Page - Linear Technology LTC1232CN8 Datasheet HTML 6Page - Linear Technology LTC1232CN8 Datasheet HTML 7Page - Linear Technology LTC1232CN8 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1232
sn1232 1232fas
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
4.5
5
5.5
V
VIH
ST and PB RST Input High Level
2VCC+0.3
V
VIL
ST and PB RST Input Low Level
– 0.3
0.8
V
DC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIL
Input Leakage
(Note 3)
–1
1
µA
IOH
Output Current at 2.4V
(Note 5)
–1
–13
mA
IOL
Output Current at 0.4V
(Note 5)
26
mA
ICC
Supply Current
(Note 4)
0.5
2
mA
VCCTP
VCC Trip Point
TOL = GND
4.5
4.62
4.74
V
VCCTP
VCC Trip Point
TOL = VCC
4.25
4.37
4.49
V
VHYS
VCC Trip Point Hysteresis
40
mV
VRST
RST Output Voltage at VCC = 1V
ISINK = 10µA
4
200
mV
The
denotes the specifications which apply
over the full operating temperature. VCC = full operating range.
The
denotes the specifications which apply over the full operating
temperature. VCC = full operating range.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
tPB
PB RST = VIL
40
ms
tRST
RESET Active Time
250
610
1000
ms
tST
ST Pulse Width
20
ns
tRPD
VCC Detect to RST and RST
100
ns
tf
VCC Slew Rate 4.75V–4.25V
300
µs
tRPU
VCC Detect to RST and RST
tR = 5µs
250
610
1000
ms
(Reset Active Time)
tR
VCC Slew Rate 4.25V–4.75V
0ns
tTD
ST Pin Detect to RST and RST
TD = GND
60
150
250
ms
(Watchdog Time-Out Period)
TD = Floating
250
610
1000
ms
TD = VCC
500
1200
2000
ms
CIN
Input Capacitance
5pF
COUT
Output Capacitance
5
pF
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: All voltage values are with respect to GND.
Note 3: The PB RST pin is internally pulled up to VCC with an internal
impedance of 10k typical. The TD pin has internal bias current.
Note 4: Measured with outputs open.
Note 5: The RST pin is an open drain output.
The
denotes the specifications which apply over the full operating temperature.
VCC = full operating range.
AC CHARACTERISTICS
RECO
E DED OPERATI G CO DITIO S


Similar Part No. - LTC1232CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1232CN8 LINER-LTC1232CN8 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
More results

Similar Description - LTC1232CN8

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC690 LINER-LTC690 Datasheet
141Kb / 16P
   Microprocessor Supervisory Circuits
logo
Maxim Integrated Produc...
MAX690 MAXIM-MAX690 Datasheet
626Kb / 16P
   Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX690A MAXIM-MAX690A Datasheet
98Kb / 12P
   Microprocessor Supervisory Circuits
Rev 3; 9/93
logo
Analog Devices
ADM690A AD-ADM690A Datasheet
327Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM8690ADM8695 AD-ADM8690ADM8695 Datasheet
183Kb / 16P
   Microprocessor Supervisory Circuits
REV. 0
ADM8698 AD-ADM8698 Datasheet
95Kb / 4P
   Microprocessor Supervisory Circuits
REV. 0
ADM805LM AD-ADM805LM_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM692A AD-ADM692A_15 Datasheet
334Kb / 8P
   Microprocessor Supervisory Circuits
REV. 0
ADM693 AD-ADM693_15 Datasheet
291Kb / 16P
   Microprocessor Supervisory Circuits
REV. A
ADM706P AD-ADM706P_15 Datasheet
333Kb / 16P
   Microprocessor Supervisory Circuits
REV. D
logo
Linear Technology
LTC691 LINER-LTC691_15 Datasheet
270Kb / 20P
   Microprocessor Supervisory Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com