Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ22CA Datasheet(PDF) 4 Page - HY ELECTRONIC CORP.

Part # SMAJ22CA
Description  SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SMAJ22CA Datasheet(HTML) 4 Page - HY ELECTRONIC CORP.

  SMAJ22CA Datasheet HTML 1Page - HY ELECTRONIC CORP. SMAJ22CA Datasheet HTML 2Page - HY ELECTRONIC CORP. SMAJ22CA Datasheet HTML 3Page - HY ELECTRONIC CORP. SMAJ22CA Datasheet HTML 4Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Working Peak
Reverse Voltage
Maximum
Reverse Voltage
at IRSM
(Clamping
Voltage)
Maximum
Reverse Surge
Current
Maximum
Reverse
Leakage at
VRWM
(UNI)
(BI)
VRWM (volts)
Min(V)
Max(V)
@ IT(mA)
VRSM (volts)
IRSM (Amps)
IR (µA)
SMAJ36
SMAJ36C
JN
VN
36.0
40.0
48.9
1.0
64.3
6.2
5.0
SMAJ36A
SMAJ36CA
JP
VP
36.0
40.0
44.2
1.0
58.1
6.9
5.0
SMAJ40
SMAJ40C
JQ
VQ
40.0
44.4
54.3
1.0
71.4
5.6
5.0
SMAJ40A
SMAJ40CA
JR
VR
40.0
44.4
49.1
1.0
64.5
6.2
5.0
SMAJ43
SMAJ43C
JS
VS
43.0
47.8
58.4
1.0
76.7
5.2
5.0
SMAJ43A
SMAJ43CA
JT
VT
43.0
47.8
52.8
1.0
69.4
5.7
5.0
SMAJ45
SMAJ45C
JU
VU
45.0
50.0
61.1
1.0
80.3
5.0
5.0
SMAJ45A
SMAJ45CA
JV
VV
45.0
50.0
55.3
1.0
72.7
5.5
5.0
SMAJ48
SMAJ48C
JW
VW
48.0
53.3
65.1
1.0
85.5
4.7
5.0
SMAJ48A
SMAJ48CA
JX
VX
48.0
53.3
58.9
1.0
77.4
5.2
5.0
SMAJ51
SMAJ51C
JY
VY
51.0
56.7
69.3
1.0
91.1
4.4
5.0
SMAJ51A
SMAJ51CA
JZ
VZ
51.0
56.7
62.7
1.0
82.4
4.9
5.0
SMAJ54
SMAJ54C
RD
WD
54.0
60.0
73.3
1.0
96.3
4.2
5.0
SMAJ54A
SMAJ54CA
RE
WE
54.0
60.0
66.3
1.0
87.1
4.6
5.0
SMAJ58
SMAJ58C
RF
WF
58.0
64.4
78.7
1.0
103.0
3.9
5.0
SMAJ58A
SMAJ58CA
RG
WG
58.0
64.4
71.2
1.0
93.6
4.3
5.0
SMAJ60
SMAJ60C
RH
WH
60.0
66.7
81.5
1.0
107.0
3.7
5.0
SMAJ60A
SMAJ60CA
RK
WK
60.0
66.7
73.7
1.0
96.8
4.1
5.0
SMAJ64
SMAJ64C
RL
WL
64.0
71.1
86.4
1.0
114.0
3.5
5.0
SMAJ64A
SMAJ64CA
RM
WM
64.0
71.1
78.6
1.0
103.0
3.9
5.0
SMAJ70
SMAJ70C
RN
WN
70.0
77.8
95.1
1.0
125.0
3.2
5.0
SMAJ70A
SMAJ70CA
RP
WP
70.0
77.8
86.0
1.0
113.0
3.5
5.0
SMAJ75
SMAJ75C
RQ
WQ
75.0
83.3
102.0
1.0
134.0
3.0
5.0
SMAJ75A
SMAJ75CA
RR
WR
75.0
83.3
92.1
1.0
121.0
3.3
5.0
SMAJ78
SMAJ78C
RS
WS
78.0
86.7
106.0
1.0
139.0
2.9
5.0
SMAJ78A
SMAJ78CA
RT
WT
78.0
86.7
95.8
1.0
126.0
3.2
5.0
SMAJ85
SMAJ85C
RU
WU
85.0
94.4
115.0
1.0
151.0
2.6
5.0
SMAJ85A
SMAJ85CA
RV
WV
85.0
94.4
104.0
1.0
137.0
2.9
5.0
SMAJ90
SMAJ90C
RW
WW
90.0
100.0
122.0
1.0
160.0
2.5
5.0
SMAJ90A
SMAJ90CA
RX
WX
90.0
100.0
111.0
1.0
146.0
2.7
5.0
SMAJ100
SMAJ100C
RY
WY
100.0
111.0
136.0
1.0
179.0
2.2
5.0
SMAJ100A
SMAJ100CA
RZ
WZ
100.0
111.0
123.0
1.0
162.0
2.5
5.0
SMAJ110
SMAJ110C
SD
XD
110.0
122.0
149.0
1.0
196.0
2.0
5.0
SMAJ110A
SMAJ110CA
SE
XE
110.0
122.0
135.0
1.0
177.0
2.3
5.0
SMAJ120
SMAJ120C
SF
XF
120.0
133.0
163.0
1.0
214.0
1.9
5.0
SMAJ120A
SMAJ120CA
SG
XG
120.0
133.0
147.0
1.0
193.0
2.0
5.0
SMAJ130
SMAJ130C
SH
XH
130.0
144.0
176.0
1.0
231.0
1.7
5.0
SMAJ130A
SMAJ130CA
SK
XK
130.0
144.0
159.0
1.0
209.0
1.9
5.0
SMAJ150
SMAJ150C
SL
XL
150.0
167.0
204.0
1.0
268.0
1.5
5.0
SMAJ150A
SMAJ150CA
SM
XM
150.0
167.0
185.0
1.0
243.0
1.6
5.0
SMAJ160
SMAJ160C
SN
XN
160.0
178.0
218.0
1.0
287.0
1.4
5.0
SMAJ160A
SMAJ160CA
SP
XP
160.0
178.0
197.0
1.0
259.0
1.5
5.0
SMAJ170
SMAJ170C
SQ
XQ
170.0
189.0
231.0
1.0
304.0
1.3
5.0
SMAJ170A
SMAJ170CA
SR
XR
170.0
189.0
209.0
1.0
275.0
1.4
5.0
NOTE: For bidirectional use C or CA suffix for types SMAJ5.0 thru types SMAJ170(ex. SMAJ5.0C, SMAJ170CA).
Electrical characteristics apply in both directions.
The later codes(/TD thru /XR) denote by bidirectional material.
~ 283 ~
SMAJ SERIES
Breakdown
Voltage
VBR Volts
Device Marking
code
Device
Uni-
directional
Device
Bi-
directional


Similar Part No. - SMAJ22CA

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ22CA BYTES-SMAJ22CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Shenzhen Luguang Electr...
SMAJ22CA LUGUANG-SMAJ22CA Datasheet
2Mb / 4P
   Transient Voltage Suppressors
Revision:20170301-P1
logo
Diodes Incorporated
SMAJ22CA DIODES-SMAJ22CA Datasheet
118Kb / 5P
   400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ22CA PACELEADER-SMAJ22CA Datasheet
122Kb / 2P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Guangdong Juxing Electr...
SMAJ22CA JUXING-SMAJ22CA Datasheet
1Mb / 4P
   Surface Mount Transient Voltage Suppressor Power 400W
More results

Similar Description - SMAJ22CA

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SMBJ10 HY-SMBJ10_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMAJ HY-SMAJ_V01 Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Lite-On Technology Corp...
SMC10 LITEON-SMC10 Datasheet
50Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Diodes Incorporated
LT4ME5.0A DIODES-LT4ME5.0A Datasheet
610Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
Nov-2021 REV. 11
logo
HY ELECTRONIC CORP.
SMBJ10C HY-SMBJ10C_17 Datasheet
146Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMF5-0 HY-SMF5-0_17 Datasheet
147Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ HY-SMCJ Datasheet
115Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
Lite-On Technology Corp...
SMB6.8 LITEON-SMB6.8 Datasheet
37Kb / 4P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ10 HY-SMAJ10_17 Datasheet
146Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
SMCJ10C HY-SMCJ10C_17 Datasheet
171Kb / 5P
   SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com