Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1235CN-PBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1235CN-PBF
Description  Microprocessor Supervisory Circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1235CN-PBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1235CN-PBF Datasheet HTML 4Page - Linear Technology LTC1235CN-PBF Datasheet HTML 5Page - Linear Technology LTC1235CN-PBF Datasheet HTML 6Page - Linear Technology LTC1235CN-PBF Datasheet HTML 7Page - Linear Technology LTC1235CN-PBF Datasheet HTML 8Page - Linear Technology LTC1235CN-PBF Datasheet HTML 9Page - Linear Technology LTC1235CN-PBF Datasheet HTML 10Page - Linear Technology LTC1235CN-PBF Datasheet HTML 11Page - Linear Technology LTC1235CN-PBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1235
8
1235fa
APPLICATIONS INFORMATION
Power Monitoring
The LTC1235 uses a bandgap voltage reference and a
precision voltage comparator C1 to monitor the 5V supply
input on VCC (see Block Diagram). When VCC falls below
the reset voltage threshold, the reset outputs are forced
to active states. The reset voltage threshold accounts for
a 5% variation on VCC, so the reset outputs become active
when VCC falls below 4.75V (4.65V typical). On power-up,
the reset signals are held active states for a minimum
of 140ms after the reset voltage threshold is reached to
allow the power supply and microprocessor to stabilize.
On power-down, the RESET signal remains active low
even with VCC as low as 1V. This capability helps hold
the microprocessor in stable shutdown condition. Figure
1 shows the timing diagram of the RESET signal.
The precision voltage comparator, C1, typically has 40mV
of hysteresis which ensures that glitches at VCC pin do not
activate the reset outputs. Response time is typically 10μs.
Figure 1. Reset Active Time
Figure 2. Push-Button Reset
To help prevent mistriggering due to transient loads, VCC
pin should be bypassed with a 0.1μF capacitor with the
leads trimmed as short as possible.
LOW LINE is the output of the precision voltage compara-
tor C1. When VCC falls below the reset voltage threshold,
LOW LINE goes low. LOW LINE returns high as soon as
VCC rises above the reset voltage threshold.
Push-Button Reset
The LTC1235 provides an logic input pin for direct con-
nection to a push-button. The push-button reset input,
PB RST, requires an active low signal. Internally, this input
signal is debounced and timed for a minimum of 40ms.
When this condition is satisfied, the reset pulse generator
forces the reset outputs to active states. The reset signals
will remain in active states for a minimum of 140ms from
the moment the push-button reset input is released from
logic low level (Figure 2).
VCC
t1
t1 = RESET ACTIVE TIME
V1 = RESET VOLTAGE THRESHOLD
V2 = RESET VOLTAGE THRESHOLD +
RESET THRESHOLD HYSTERESIS
t1
V2
V2
V1
V1
1235 F01
RESET
LOW LINE
LOGIC LOW
t1
LOGIC
HIGH
t2
LOGIC HIGH
LOGIC LOW
VCC = 5V
RESET
RESET
PB RST
t1 = PUSH-BUTTON RESET LOW TIME
t2 = RESET ACTIVE TIME
1235 F02


Similar Part No. - LTC1235CN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235CN LINER-LTC1235CN Datasheet
295Kb / 16P
   Microprocessor Supervisory Circuit
More results

Similar Description - LTC1235CN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1235 LINER-LTC1235_15 Datasheet
232Kb / 16P
   Microprocessor Supervisory Circuit
logo
RICOH electronics devic...
R5106N RICOH-R5106N Datasheet
446Kb / 14P
   Microprocessor Supervisory Circuit
R5108G RICOH-R5108G Datasheet
458Kb / 13P
   Microprocessor Supervisory Circuit
R5107G RICOH-R5107G Datasheet
532Kb / 15P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM1232 AD-ADM1232_08 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
logo
Linear Technology
LTC1232 LINER-LTC1232 Datasheet
378Kb / 7P
   Microprocessor Supervisory Circuit
LTC699 LINER-LTC699 Datasheet
156Kb / 4P
   Microprocessor Supervisory Circuit
logo
Analog Devices
ADM809-5SL AD-ADM809-5SL Datasheet
96Kb / 6P
   Microprocessor Supervisory Circuit
REV. 0
ADM1232 AD-ADM1232 Datasheet
122Kb / 6P
   Microprocessor Supervisory Circuit
REV. B
ADM809-5S AD-ADM809-5S_15 Datasheet
238Kb / 8P
   Microprocessor Supervisory Circuit
REV. B
ADM1232 AD-ADM1232_15 Datasheet
263Kb / 12P
   Microprocessor Supervisory Circuit
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com