Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1266CS-5 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1266CS-5
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266CS-5 Datasheet(HTML) 4 Page - Linear Technology

  LTC1266CS-5 Datasheet HTML 1Page - Linear Technology LTC1266CS-5 Datasheet HTML 2Page - Linear Technology LTC1266CS-5 Datasheet HTML 3Page - Linear Technology LTC1266CS-5 Datasheet HTML 4Page - Linear Technology LTC1266CS-5 Datasheet HTML 5Page - Linear Technology LTC1266CS-5 Datasheet HTML 6Page - Linear Technology LTC1266CS-5 Datasheet HTML 7Page - Linear Technology LTC1266CS-5 Datasheet HTML 8Page - Linear Technology LTC1266CS-5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
LTC1266
LTC1266-3.3/LTC1266-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IQ1
VIN Pin DC Supply Current (Note 3)
Normal Mode
3.5V < VIN < 18V
2.1
3.3
mA
Sleep Mode
3.5V < VIN < 18V
170
260
µA
Shutdown
VSHUTDOWN = 2.1V, 3.5V < VIN < 18V
25
60
µA
IQ2
PWR VIN DC Supply Current (Note 3)
Normal Mode
3.5V < PWR VIN < 18V
20
50
µA
Sleep Mode
3.5V < PWR VIN < 18V
1
7
µA
Shutdown
VSHUTDOWN = 2.1V, 3.5V < PWR VIN < 18V
1
7
µA
VSENSE1
Current Sense Threshold
VBINH = 0V
(Burst Mode Operation Enabled)
LTC1266CS, LTC1266IS
VSENSE– = 3.3V, VFB = VOUT/2.64 + 25mV (Forced)
25
mV
LTC1266CS
VSENSE– = 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
135
155
180
mV
LTC1266IS
VSENSE– = 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
135
155
190
mV
LTC1266-3.3, LTC1266-5 (I and C)
VSENSE– = VOUT + 100mV (Forced)
25
mV
LTC1266CS-3.3, LTC1266CS-5
VSENSE– = VOUT – 100mV (Forced)
135
155
180
mV
LTC1266IS-3.3, LTC1266IS-5
VSENSE– = VOUT – 100mV (Forced)
135
155
190
mV
VSENSE2
Current Sense Threshold
VBINH = 2.1V
(Burst Mode Operation Disabled)
LTC1266CS, LTC1266IS
VSENSE
3.3V, VFB = VOUT/2.64 + 25mV (Forced)
–20
mV
LTC1266CS
VSENSE– 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
130
155
185
mV
LTC1266IS
VSENSE– 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
130
155
195
mV
LTC1266-3.3, LTC1266-5 (I and C)
VSENSE
= VOUT + 100mV (Forced)
–20
mV
LTC1266CS-3.3, LTC1266CS-5
VSENSE– = VOUT – 100mV (Forced)
130
155
185
mV
LTC1266IS-3.3, LTC1266IS-5
VSENSE– = VOUT – 100mV (Forced)
130
155
195
mV
VSHDN
Shutdown Pin Threshold
C Grade
0.55
0.8
2
V
I Grade
0.50
0.8
2
V
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA, C Grade
3.8
5
6.5
µs
CT = 390pF, ILOAD = 700mA, I Grade
3.8
5
7.0
µs
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD × 110°C/W)
Note 3: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency. See Applications Information.
Note 4: In applications where RSENSE is placed at ground potential, the off-
time increases approximately 40%.
Note 5: The LTC1266CS, LTC1266CS-3.3, LTC1266-5 and LTC1266ACS
are not tested and not quality assurance sampled at – 40
°C and 85°C.
These specifications are guaranteed by design and/or correlation. The
LTC1266IS, LTC1266IS-3.3, LTC1266IS-5 and LTC1266AIS are
guaranteed and tested over the – 40
°C to 85°C operating temperature
range.
Note 6: Unless otherwise noted the specifications for the LTC1266A are
the same as those for the LTC1266.
Note 7: tr and tf are measured at 10% and 90% levels.
–40
°C < TA < 85°C (Note 5), VIN = 10V, unless otherwise noted.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC1266CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266CS-5 LINER-LTC1266CS-5 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266CS-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com