Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1266IS Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1266IS
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266IS Datasheet(HTML) 3 Page - Linear Technology

  LTC1266IS Datasheet HTML 1Page - Linear Technology LTC1266IS Datasheet HTML 2Page - Linear Technology LTC1266IS Datasheet HTML 3Page - Linear Technology LTC1266IS Datasheet HTML 4Page - Linear Technology LTC1266IS Datasheet HTML 5Page - Linear Technology LTC1266IS Datasheet HTML 6Page - Linear Technology LTC1266IS Datasheet HTML 7Page - Linear Technology LTC1266IS Datasheet HTML 8Page - Linear Technology LTC1266IS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
LTC1266
LTC1266-3.3/LTC1266-5
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSENSE 1 Current Sense Threshold
VBINH = 0V
(Burst Mode Operation Enabled)
LTC1266
VSENSE– = 3.3V, VFB = VOUT/2.64 + 25mV (Forced)
25
mV
VSENSE– = 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
q
135
155
175
mV
LTC1266-3.3
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
q
135
155
175
mV
LTC1266-5
VSENSE– = VOUT + 100mV (Forced)
25
mV
VSENSE– = VOUT – 100mV (Forced)
q
135
155
175
mV
VSENSE 2
Current Sense Threshold
VBINH = 2.1V
(Burst Mode Operation Disabled)
LTC1266
VSENSE– = 3.3V, VFB = VOUT/2.64 + 25mV (Forced)
– 20
mV
VSENSE– = 3.3V, VFB = VOUT/2.64 – 25mV (Forced)
q
135
155
175
mV
LTC1266-3.3
VSENSE– = VOUT + 100mV (Forced)
– 20
mV
VSENSE– = VOUT – 100mV (Forced)
q
135
155
175
mV
LTC1266-5
VSENSE– = VOUT + 100mV (Forced)
– 20
mV
VSENSE– = VOUT – 100mV (Forced)
q
135
155
175
mV
VSHDN
Shutdown Pin Threshold
0.6
0.8
2
V
ISHDN
Shutdown Pin Input Current
0V < VSHDN < 8V, VIN = 16V
1.2
5
µA
IPINV
Phase Invert Pin Input Current
0V < VPINV < 18V, VIN = 18V
0.2
1
µA
VBINH
Burst Mode Operation
VIN = 7V
0.8
1.2
2
V
Inhibit Pin Threshold
IBINH
Burst Mode Operation
0V < VBINH < 18V, VIN = 18V
0.2
1
µA
Inhibit Pin Input Current
ICT
CT Pin Discharge Current
VSENSE+ = VOUT – 100mV, VSENSE– = VOUT – 300mV
50
70
90
µA
VOUT = 0V
2
10
µA
tOFF
Off-Time (Note 4)
CT = 390pF, ILOAD = 700mA
4
5
6
µs
tMAX
Max On-Time
VOUT = 0V, VIN = 18V
60
µs
tr, tf
Driver Output Transition Times (Note 7)
CL = 3000pF (Pins 1, 16), VIN = 6V
100
200
ns
VCLAMP
Output Voltage Clamp in
VBINH = 2.1V
Burst Mode Operation Inhibit
LTC1266
Measured at VFB
1.30
V
LTC1266-3.3
Measured at VSENSE–
3.43
V
LTC1266-5
Measured at VSENSE–
5.20
V
VLBTRIP
Low-Battery Trip Point
VIN = 5V
1.14
1.25
1.35
V
VIN = 12V
1.17
1.30
1.42
V
ILBLEAK
Max Leakage Current Into Pin 14
VLBOUT = 18V, VLBIN = 2V
25
200
nA
ILBSINK
Max Sink Current Into Pin 14
VLBOUT = 1V, VLBIN = 0V, 2.5V < VIN < 18V
1
8
mA
ILBIN
Max Leakage Current Into Pin 13
VLBIN = 18V
0.2
1
µA
The q denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 10V, VSHDN = VBINH = 0V unless otherwise noted.
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VFB
Feedback Voltage
VIN = 9V, ILOAD = 700mA, VPINV = VPWR = 14V,
Topside Switch = N-Ch
LTC1266AIS
1.246
1.265
1.290
V
LTC1266CS, LTC1266IS
1.210
1.265
1.290
V
VOUT
Regulated Output Voltage
VIN = 9V, ILOAD = 700mA, VPINV = VPWR = 14,
Topside Switch = N-Ch
LTC1266CS-3.3, LTC1266IS-3.3
3.23
3.33
3.43
V
LTC1266CS-5, LTC1266IS-5
4.90
5.05
5.20
V
–40
°C < TA < 85°C (Note 5), VIN = 10V, unless otherwise noted.


Similar Part No. - LTC1266IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266 LINER-LTC1266 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-5 LINER-LTC1266-5 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266IS

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com