Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1266IS-3.3 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1266IS-3.3
Description  Synchronous Regulator Controller for N- or P-Channel MOSFETs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1266IS-3.3 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1266IS-3.3 Datasheet HTML 4Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 5Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 6Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 7Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 8Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 9Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 10Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 11Page - Linear Technology LTC1266IS-3.3 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
8
LTC1266
LTC1266-3.3/LTC1266-5
When the voltage on the timing capacitor has discharged
past VTH1, comparator T trips, setting the flip-flop. This
causes the bottom-side output to switch off and the
topside output to switch on (ground for P-channel and
Power VIN for N-channel). The cycle then repeats.
As the load current increases, the output voltage decreases
slightly. This causes the output of the gain stage (Pin 7) to
increase the current comparator threshold, thus tracking
the load current.
The sequence of events for Burst Mode operation is very
similar to continuous operation with the cycle interrupted
by the voltage comparator. When the output voltage is at
or above the desired regulated value, the topside MOSFET
is held off by comparator V and the timing capacitor
continues to discharge below VTH1. When the timing
capacitor discharges past VTH2, voltage comparator S
trips, causing the internal sleep line to go low and the
bottom-side MOSFET to turn off.
The circuit now enters sleep mode with both power
MOSFETs turned off. In sleep mode, a majority of the
circuitry is turned off, dropping the quiescent current
from 2.1mA to 170
µA. The load current is now being
supplied from the output capacitor. When the output
voltage has dropped by the amount of hysteresis in
comparator V, the topside MOSFET is again turned on
and this process repeats.
To avoid the operation of the current loop interfering with
Burst Mode operation, a built-in offset VOS is incorporated
in the gain stage. This prevents the current comparator
threshold from increasing until the output voltage has
dropped below a minimum threshold.
One of the three basic LTC1266 application circuits is
shown in Figure 1. This circuit uses an N-channel
topside driver and a single supply. The other two circuit
configurations (see Typical Applications) use an
N-channel topside driver and dual supply, and a
P-channel topside driver. Selections of other external
components are driven by the load requirement and are
the same for all three circuit configurations. The first
step is the selection of RSENSE. Once RSENSE is known,
CT and L can be chosen. Next, the power MOSFETs and
D1 are selected. Finally, CIN and COUT are selected and
the loop is compensated. Using an N-channel topside
switch, input voltages are limited to a maximum of
about 15V. With a P-channel, the input voltage may be
as high as 20V.
To prevent both the external MOSFETs from ever being
turned on at the same time, feedback is incorporated to
sense the state of the driver output pins. Before the
bottom-side drive output can turn on, the topside output
must be off. Likewise, the topside output is prevented
from turning on while the bottom-side drive output is
still on.
The LTC1266 has two select pins which provide the user
with choice of topside switch and with the option of
inhibiting Burst Mode operation. The phase select pin
allows the user to choose whether the topside MOSFET
is a P-channel or an N-channel. The phase select pin does
two things: sets the proper phase of the drive signal (ON
= Power VIN for N-channel and ON = 0V for P-channel)
and also sets an upper limit for the on-time (60
µs) when
set to the N-channel. The on-time limit ensures proper
start-up when used in a single supply bootstrap circuit
configuration (see Applications Information). In P-channel
mode there is no on-time limit and thus, in dropout, the
P-channel MOSFET is turned on continuously (100%
duty cycle).
The Burst Mode operation inhibit (BINH, Pin 4) allows the
Burst Mode operation to be disabled by applying a CMOS
logic high to this pin. With Burst Mode operation disabled,
the LTC1266 will remain in continuous mode down to zero
load. Burst Mode operation is disabled by allowing the
lower current threshold limit to go below zero so that the
voltage comparator will never trip. The voltage comparator
trip point is also raised up so that it will not be tripped by
transients. It is still active to provide a voltage clamp to
prevent the output from overshooting.
OPERATIO
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1266IS-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266 LINER-LTC1266 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-5 LINER-LTC1266-5 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
More results

Similar Description - LTC1266IS-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1266-5 LINER-LTC1266-5_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-33 LINER-LTC1266-33 Datasheet
361Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266 LINER-LTC1266_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
LTC1266-3.3 LINER-LTC1266-3.3_15 Datasheet
256Kb / 20P
   Synchronous Regulator Controller for N- or P-Channel MOSFETs
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83320G NUVOTON-W83320G Datasheet
422Kb / 20P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Vishay Siliconix
SI4724CY VISHAY-SI4724CY_05 Datasheet
413Kb / 8P
   N-Channel Synchronous MOSFETs
Rev. B, 14-Mar-05
logo
Texas Instruments
LM2742 TI-LM2742_15 Datasheet
1Mb / 33P
[Old version datasheet]   N-Channel FET Synchronous Buck Regulator Controller for Low Output Voltages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com