Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S858TA3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S858TA3
Description  BIPMIC - Cascadable Silicon Bipolar Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S858TA3 Datasheet(HTML) 2 Page - Vishay Siliconix

  S858TA3 Datasheet HTML 1Page - Vishay Siliconix S858TA3 Datasheet HTML 2Page - Vishay Siliconix S858TA3 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
S858TA3
Vishay Telefunken
www.vishay.de
• FaxBack +1-408-970-5600
Rev. 3, 20-Jan-99
2 (3)
Document Number 85054
Electrical AC Characteristics
Ibias = 29 mA, f = 900 MHz , Z0 = 50 W, Tamb = 25_C, unless otherwise specified
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Power gain
Gp
17
17.5
dB
3 dB bandwidth
f3dB
0.5
GHz
Input VSWR
f = 0.1 to 2.5 GHz
VSWR
1.8:1
Output VSWR
f = 0.1 to 2.5 GHz
VSWR
1.8:1
Noise figure
f = 900 MHz
F
3.3
dB
Intermodulation distortion
22.5 mV input voltage
IM3
50
dB
Output power @1dB gain compression
P–1dB
10
dBm
Device voltage
Vd
2.9
3.6
4.3
V
Dimensions of S858TA3 in mm
96 12240


Similar Part No. - S858TA3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S858TA1 VISHAY-S858TA1 Datasheet
83Kb / 3P
   BIPMIC - Cascadable Silicon Bipolar Amplifier
Rev. 3, 20-Jan-99
More results

Similar Description - S858TA3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
S868T VISHAY-S868T Datasheet
82Kb / 3P
   BIPMIC - Cascadable Silicon Bipolar Amplifier
Rev. 3, 20-Jan-99
S860T VISHAY-S860T Datasheet
67Kb / 5P
   BIPMIC - Cascadable Silicon Bipolar Amplifier
Rev. 3, 20-Jan-99
S858TA1 VISHAY-S858TA1 Datasheet
83Kb / 3P
   BIPMIC - Cascadable Silicon Bipolar Amplifier
Rev. 3, 20-Jan-99
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com