Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1275 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1275
Description  12-Bit, 300ksps Sampling A/D Converters with Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1275 Datasheet(HTML) 5 Page - Linear Technology

  LTC1275 Datasheet HTML 1Page - Linear Technology LTC1275 Datasheet HTML 2Page - Linear Technology LTC1275 Datasheet HTML 3Page - Linear Technology LTC1275 Datasheet HTML 4Page - Linear Technology LTC1275 Datasheet HTML 5Page - Linear Technology LTC1275 Datasheet HTML 6Page - Linear Technology LTC1275 Datasheet HTML 7Page - Linear Technology LTC1275 Datasheet HTML 8Page - Linear Technology LTC1275 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC1273
LTC1275/LTC1276
127356fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t3
Data Access Time After RD
CL = 20pF
40
90
ns
Commercial
110
ns
Military
120
ns
CL = 100pF
50
125
ns
Commercial
150
ns
Military
170
ns
t4
RD Pulse Width
t3
ns
t5
CS to RD Hold Time
0ns
t6
Data Setup Time After BUSY
40
70
ns
Commercial
90
ns
Military
100
ns
t7
Bus Relinquish Time
20
30
75
ns
Commercial
20
85
ns
Military
20
90
ns
t8
HBEN to RD Setup Time
0ns
t9
HBEN to RD Hold Time
0ns
t10
Delay Between RD Operations
40
ns
t11
Delay Between Conversions
(Note 10)
500
ns
Commercial
600
ns
Military
1000
ns
t12
Aperture Delay of Sample-and-Hold
25
ns
LTC1273A/LTC1275A/LTC1276A
LTC1273B/LTC1275B/LTC1276B
Note 6: Linearity, offset and full scale specifications apply for unipolar and
bipolar modes.
Note 7: Integral nonlinearity is defined as the deviation of a code from a
straight line passing through the actual endpoints of the transfer curve.
The deviation is measured from the center of the quantization band.
Note 8: Bipolar offset (LTC1275/LTC1276) is the different voltage
measured from – 0.5LSB when the LTC1275/LTC1276 output code flickers
between 0000 0000 0000 and 1111 1111 1111.
Note 9: Guaranteed by design, not subject to test.
Note 10: Recommended operating conditions.
Note11: AIN must not exceed VDD or fall below VSS by more than 50mV for
specified accuracy. Therefore the minimum supply voltage for the
LTC1273 is + 4.95V. The minimum supplies for the LTC1275 are +4.75V
and – 2.45V and the minimum supplies for the LTC1276 are
±4.95V.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All voltage values are with respect to ground with DGND and
AGND wired together (unless otherwise noted).
Note 3: When these pin voltages are taken below VSS (ground for
LTC1273) or above VDD, they will be clamped by internal diodes. This
product can handle input currents greater than 60mA below VSS (ground
for LTC1273) or above VDD without latch-up.
Note 4: When these pin voltages are taken below VSS (ground for
LTC1273) they will be clamped by internal diodes. This product can handle
input currents greater than 60mA below VSS (ground for LTC1273)
without latch-up. These pins are not clamped to VDD.
Note 5: VDD = 5V (VSS = – 5V for LTC1275/LTC1276), 300kHz at 70°C and
250kHz at 125
°C, tr = tf = 5ns unless otherwise specified.
TI I G CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specfications are at TA = 25°C. See Timing Characteristics Figures (Note 5)


Similar Part No. - LTC1275

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1275 LINER-LTC1275 Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275AC LINER-LTC1275AC Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275ACN LINER-LTC1275ACN Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275ACS LINER-LTC1275ACS Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1275BC LINER-LTC1275BC Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
More results

Similar Description - LTC1275

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1275 LINER-LTC1275_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273 Datasheet
451Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1276 LINER-LTC1276_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
LTC1273 LINER-LTC1273_15 Datasheet
327Kb / 24P
   12-Bit, 300ksps Sampling A/D Converters with Reference
logo
Sipex Corporation
SP8503 SIPEX-SP8503 Datasheet
167Kb / 12P
   12-Bit Sampling A/D Converters
HS574A SIPEX-HS574A Datasheet
160Kb / 14P
   12-bit Sampling A/D Converters
SP8603 SIPEX-SP8603 Datasheet
205Kb / 11P
   12-Bit Sampling A/D Converters
SP574B SIPEX-SP574B Datasheet
172Kb / 15P
   12-Bit Sampling A/D Converters
logo
Linear Technology
LTC1282 LINER-LTC1282 Datasheet
439Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
LTC1282 LINER-LTC1282_15 Datasheet
366Kb / 24P
   3V 140ksps 12-Bit Sampling A/D Converter with Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com