Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEE04F18-L Datasheet(PDF) 1 Page - Emerson Network Power

Part # AEE04F18-L
Description  AEE 15W Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEE04F18-L Datasheet(HTML) 1 Page - Emerson Network Power

  AEE04F18-L Datasheet HTML 1Page - Emerson Network Power AEE04F18-L Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Power for
Business-Critical Continuity
AEE Series
15 Watts
Special Features
• Encapsulated
• 4:1 input range
• 1" X 2” package
• 1500Vdc I/O isolation
• Single and Dual output
Total Power:
15 Watts
Input Voltage: 12V, 24V or 48V
# of Outputs:
Single, Dual
Electrical Specifications
Safety
Input
Input range
9 to 36 VDC; 18 to 75 VDC
Efficiency2
84%@12Vo
Output
Voltage tolerance
±2.0%
Line regulation
±0.5%
Load regulation
Single output: ±1.0%
Dual output: ±TBD%
Noise/ripple
3.3Vo: 100mV
5.0Vo: 100mV
12Vo: 120mV
15Vo: 120mV
Short circuit protection
Auto-restart
Switching frequency
300KHz
Temperature coefficient
±0.02 /°C
Isolation
I/O isolation
1500 VDC min.
Insulation resistance
10Mohm
Insulation capacitance
1000pF
CE Mark
Rev. 03.03.06
AEE 15W Series
1of 2
Operating ambient temperature range
-40°C to +71°C (no derating)
Storage temperature
-55°C to +105°C
Humidity
5% to 95% (non-condensing)
MTBF
>1 Million hours
RoHS Compliant
Environmental Specifications
RoHS


Similar Part No. - AEE04F18-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04F18-L ASTEC-AEE04F18-L Datasheet
169Kb / 2P
   AEE Series
AEE04F18-L ASTEC-AEE04F18-L Datasheet
175Kb / 2P
   Encapsulated
logo
Artesyn Technologies
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   POWER 15 Watts
AEE04F18-LS ARTESYN-AEE04F18-LS Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
More results

Similar Description - AEE04F18-L

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEE04F18-L ASTEC-AEE04F18-L Datasheet
169Kb / 2P
   AEE Series
logo
Everlight Electronics C...
JU2024-KM307P6-30515-0G0T EVERLIGHT-JU2024-KM307P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM357P6-30515-0G0T EVERLIGHT-JU2024-KM357P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT507P7-30515-0G0T EVERLIGHT-JU2024-KT507P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM277P5-30515-0G0T EVERLIGHT-JU2024-KM277P5-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM457P7-30515-0G0T EVERLIGHT-JU2024-KM457P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KM407P6-30515-0G0T EVERLIGHT-JU2024-KM407P6-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT577P7-30515-0G0T EVERLIGHT-JU2024-KT577P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
JU2024-KT657P7-30515-0G0T EVERLIGHT-JU2024-KT657P7-30515-0G0T Datasheet
2Mb / 29P
   30V/15W Series
logo
STMicroelectronics
TDA7490LSA STMICROELECTRONICS-TDA7490LSA Datasheet
188Kb / 13P
   15W 15W Stereo Class-D Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com