Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AEH25B48N Datasheet(PDF) 2 Page - Emerson Network Power

Part # AEH25B48N
Description  Ultra High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

AEH25B48N Datasheet(HTML) 2 Page - Emerson Network Power

  AEH25B48N Datasheet HTML 1Page - Emerson Network Power AEH25B48N Datasheet HTML 2Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EUROPE
Astec House, Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX, UK
Telephone: 44 (1384) 842-211
Facsimile: 44 (1384) 843-355
AMERICAS
5810 Van Allen Way
Carlsbad, CA 92008
Telephone: 760-930-4600
Facsimile: 760-930-0698
3
Ordering Information
www.astecpower.com
ASIA
Units 2111-2116, Level 21
Tower1, Metroplaza
223, Hing Fong Road
Fwai Fong, New Territories
Hong Kong
Telephone: 852-2437-9662
Facsimile: 852-2402-4426
Input
Output
Efficiency
Model Number
Voltage
Voltage / Current
36V to 75V
12V @ 25A
93%
AEH25B48(N)-(5)(6)(T)
OPTION:
suffix “N”
= Negative Enable
non suffix “N”
= Positive Enable (default)
suffix “-6”
= 3.7mm pin length
suffix “-5”
= 4.5mm pin length
default pin length
= 5mm nominal pin length
suffix “T”
= “Tuned” version for slow start up time
Typical efficiency measurement taken at nominal line, full load, 25°C ambient.
1 +Vi
n
1.90
[48.3]
1.50
[38.1]
1.20
[30.4]
0.90
[22.8]
1.90
[48.3]
1.50
[38.2]
1.20
[30.5]
0.90
[22.9]
5
4
2 Enabl
e (On/Of
f
)
9 +Out
put
M ECHANI
CAL TOLERANCE ± .
002(0.
5)
PI
N PLACEM ENT TOLERANCE :± 0.
005(0.
127)
ALL DI
M ENSI
ONS ARE I
N I
NCHES (MI
LLI
M ETERS)
PI
N SI
DE UP
3
2
1
7
6
9
3 CASE
7 Tri
m
8 + Sense
6 -Sense
5 -Out
put
NOTES:
4 -Vi
n
PI
N ASSI
GNM ENT
0.04Ø
[2.0Ø]2 PLACES
PI
N SI
DE DOW N
1.90
[48.3]
1.90
[48.3]
2.30
[58.4]
0.50
[12.7]
0.20
[5.1]
0.20
[5.1]
-Vi
n
+Vi
n
0.50
[12.7]
M3 X0.5 M OUNTI
NG HOLE
0.50
[12.7]
4 PLACES
2.40
[61.0]
2.00
[50.8]
-Out
put
+Out
put
SI
DE VI
EW
0.46
[11.8]
0.08Ø
0.20
[5.2]
[1.0Ø]7 PLACES
Pin Assignments
Single Output
1. +Vin
2. Enable (On/Off)
3. Case (AEH)
4. -Vin
5. - Output
6. - Sense
7. Trim
8. + Sense
9. + Output
Notes:
1. 20 MHz BW with external 10uF/25V tantalum in
parallel with 0.1uF/50V X7R ceramic capacitor
placed across the output.
2. Requires a 2.2 uf, 100V film capacitor
connected between +V in and -V in to meet
FCC class A and ETS300-386-1 requirements
for conducted noise. Consult Factory for filtering
information to meet FCC class B, VDE or EIC
specifications.
3. All specifications are typical at nominal line, full
load, and 25°C unless otherwise noted.
4. All specifications subject to change without
notice. Mechanical drawings are for reference
only
5. Technical Reference Notes should be consulted
for detailed information when available
6. Warranty: 1yr
* Astec reserves the right to make changes to the information
contained herein without notice and assumes no liability as a
result of its use or application. (REV06: JANUARY 26, 2006)
PIN LENGTH OPTION
“-5”: 4.5mm nom
“-6”: 3.7mm nom
default is 5mm nom
see A
NOTE:
All dimensions are in Inches [millimeters]
Pin Placement Tolerance: ± 0.005 [0.127]
Mechanical Tolerance: ± 0.002 [0.5]


Similar Part No. - AEH25B48N

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
AEH25B48N-5 ASTEC-AEH25B48N-5 Datasheet
117Kb / 2P
   Ultra High Efficiency
AEH25B48N-56 ASTEC-AEH25B48N-56 Datasheet
117Kb / 2P
   Ultra High Efficiency
AEH25B48N-5T ASTEC-AEH25B48N-5T Datasheet
117Kb / 2P
   Ultra High Efficiency
AEH25B48N-6 ASTEC-AEH25B48N-6 Datasheet
117Kb / 2P
   Ultra High Efficiency
AEH25B48N-6T ASTEC-AEH25B48N-6T Datasheet
117Kb / 2P
   Ultra High Efficiency
More results

Similar Description - AEH25B48N

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AEH80 EMERSON-NETWORKPOWER-AEH80 Datasheet
1Mb / 2P
   Ultra High Efficiency
logo
Astec America, Inc
AEH25 ASTEC-AEH25 Datasheet
117Kb / 2P
   Ultra High Efficiency
ALD12A48N-6SL ASTEC-ALD12A48N-6SL Datasheet
503Kb / 2P
   100Watts, Ultra High Efficiency
logo
HY ELECTRONIC CORP.
HER201 HY-HER201_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER301 HY-HER301_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X_V01 Datasheet
413Kb / 3P
   High Efficiency (Ultra Fast) Rectifiers
logo
Sanken electric
NR132D SANKEN-NR132D Datasheet
644Kb / 15P
   Ultra light load high efficiency
logo
HY ELECTRONIC CORP.
UF2001 HY-UF2001_17 Datasheet
135Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
UF3001 HY-UF3001_17 Datasheet
134Kb / 3P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
HER20X HY-HER20X Datasheet
91Kb / 2P
   HIGH EFFICIENCY (ULTRA FAST) RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com