Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1446L Datasheet(PDF) 10 Page - Linear Technology

Part # 1446L
Description  Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

1446L Datasheet(HTML) 10 Page - Linear Technology

Back Button 1446L Datasheet HTML 4Page - Linear Technology 1446L Datasheet HTML 5Page - Linear Technology 1446L Datasheet HTML 6Page - Linear Technology 1446L Datasheet HTML 7Page - Linear Technology 1446L Datasheet HTML 8Page - Linear Technology 1446L Datasheet HTML 9Page - Linear Technology 1446L Datasheet HTML 10Page - Linear Technology 1446L Datasheet HTML 11Page - Linear Technology 1446L Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1446/LTC1446L
TYPICAL APPLICATIONS N
An Autoranging 8-Channel ADC with Shutdown
LTC1296
VCC
50k
74HC04
5V
5V
CS
22
µF
µP
CLK
8 ANALOG
INPUT CHANNELS
DOUT
DIN
CH0
COM
SSO
REF –
CH7
REF+
50k
0.1
µF
100
100
LTC1446
CS/LD
CLK
DOUT
DIN
VOUT B
GND
VCC
1446/46L F03
VOUT A
0.1
µF
0.1
µF
2N3906
This circuit shows how to use one LTC1446 to make an
autoranging ADC. The microprocessor sets the reference
span and the Common pin for the analog input by loading
the appropriate digital code into the LTC1446. VOUT A
controls the Common pin for the analog inputs to the
LTC1296 and VOUTB controls the reference span by setting
the REF + pin on the LTC1296. The LTC1296 has a Shut-
down pin that goes low in shutdown mode. This will turn
off the PNP transistor supplying power to the LTC1446.
The resistor and capacitor on the LTC1446 outputs act as
a lowpass filter for noise.


Similar Part No. - 1446L

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1446 VISHAY-1446 Datasheet
173Kb / 3P
   Bulk Metal® Foil Technology Dual-In-Line Hermetic Resistor Networks
Revision 08-Mar-05
logo
API Technologies Corp
1446 APITECH-1446 Datasheet
409Kb / 1P
   Medium Power, 7/16 Connectors
logo
TE Connectivity Ltd
144617-1 TEC-144617-1 Datasheet
299Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
144617-1 TEC-144617-1 Datasheet
131Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
PHOENIX CONTACT
1446333 PHOENIX-1446333 Datasheet
571Kb / 18P
   SAC-4P-10,0-PVC/M12FS - Sensor/actuator cable
More results

Similar Description - 1446L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com