Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

502I33 Datasheet(PDF) 3 Page - Linear Technology

Part # 502I33
Description  Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

502I33 Datasheet(HTML) 3 Page - Linear Technology

  502I33 Datasheet HTML 1Page - Linear Technology 502I33 Datasheet HTML 2Page - Linear Technology 502I33 Datasheet HTML 3Page - Linear Technology 502I33 Datasheet HTML 4Page - Linear Technology 502I33 Datasheet HTML 5Page - Linear Technology 502I33 Datasheet HTML 6Page - Linear Technology 502I33 Datasheet HTML 7Page - Linear Technology 502I33 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LTC1502-3.3
TYPICAL PERFOR A CE CHARACTERISTICS
INPUT VOLTAGE (V)
0.8
40
60
1.6
1502-3.3 G01
20
0
1.0
1.2
1.4
1.8
80
TA = 25°C
TA = 0°C
TA = – 40°C
IOUT = 0mA
TA = 70°C
TA = 85°C
No Load Input Current
vs Input Voltage
OUTPUT CURRENT (mA)
0.01
3.30
3.35
TA = 25°C
VIN = 1V
100
1502-3.3 G03
3.25
3.20
0.1
1
10
3.40
VIN = 1.5V
VIN = 1.8V
Output Voltage vs Output Current
Shutdown Input Current
vs Input Voltage
INPUT VOLTAGE (V)
0.8
8
12
1.6
1502-3.3 G02
4
0
1.0
1.2
1.4
1.8
16
TA = 70°C
TA = 85°C
TA = 25°C
TA = – 40°C
TA = 0°C
C1/SHDN = 0V
Maximum Start-Up Load Current
vs Input Voltage
INPUT VOLTAGE (V)
0.8
8
12
1.6
1502-3.3 G04
4
0
1.0
1.2
1.4
1.8
16
TA = 25°C
Load Transient Response
200
µs/DIV
IOUT
0mA to 10mA
5mA/DIV
VOUT
AC COUPLED
50mV/DIV
Efficiency vs Output Current
OUTPUT CURRENT (mA)
0.01
40
60
100
1502-3.3 G05
20
0
0.1
1
10
100
80
TA = 25°C
VOUT = 3.3V
VIN = 1V
VIN = 1.25V
VIN = 1.5V
VIN = 1.8V
1502-3.3 G06
Oscillator Frequency
vs Input Voltage
Shutdown Waveforms
(See Figure 1)
Calculated Battery Life,
Battery = 2400mA • Hr AA Cell
INPUT VOLTAGE (V)
0.8
500
600
1.6
1502-3.3 G07
400
300
1.0
1.2
1.4
1.8
700
TA = 70°C
TA = – 40°C
TA = 25°C
TA = 85°C
TA = 0°C
AVERAGE LOAD CURRENT (mA)
0.001
10
1k
100k
0.1
1
10
0.01
100
1502-3.3 G08
100
10k
100
µs/DIV
VOUT
2V/DIV
OFF
1502-3.3 G09
ON
VIN = 1.25V
RLOAD = 10k
TA = 25°C
VCTRL
VIN = 1.25V
TA = 25°C


Similar Part No. - 502I33

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
502 MARL-502 Datasheet
433Kb / 5P
   횠8.1mm mounting Nickel plated brass housing, Sealed to IP67
logo
Vishay Siliconix
502 VISHAY-502 Datasheet
106Kb / 4P
   (22.2 mm) Ten Turn Wirewound Upper Grade Precision Potentiometer
01-Jan-2022
logo
NTE Electronics
502-0301 NTE-502-0301 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0302 NTE-502-0302 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
502-0303 NTE-502-0303 Datasheet
338Kb / 1P
   0.1 Watt and 0.2 Watt, 6mm dia. shaft
More results

Similar Description - 502I33

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1502-3.3 LINER-LTC1502-3.3_15 Datasheet
177Kb / 8P
   Single Cell to 3.3V Regulated Charge Pump DC/DC Converter
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
   REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
   DC-DC CONVERTER REGULATED 5V CHARGE PUMP
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
   DC-DC converter regulated 5 V charge pump
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
   Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
STMicroelectronics
ST619LBN STMICROELECTRONICS-ST619LBN Datasheet
696Kb / 17P
   DC-DC converter regulated 5 V charge pump
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
   Low Noise, Regulated Charge Pump DC/DC Converter
logo
Linear Technology
LTC1516 LINER-LTC1516 Datasheet
105Kb / 8P
   Micropower, Regulated 5V Charge Pump DC/DC Converter
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
   Regulated Step-Down Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com